Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 35Page - STMicroelectronics STA309A Datasheet HTML 36Page - STMicroelectronics STA309A Datasheet HTML 37Page - STMicroelectronics STA309A Datasheet HTML 38Page - STMicroelectronics STA309A Datasheet HTML 39Page - STMicroelectronics STA309A Datasheet HTML 40Page - STMicroelectronics STA309A Datasheet HTML 41Page - STMicroelectronics STA309A Datasheet HTML 42Page - STMicroelectronics STA309A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
STA309A
Registers
39/67
7.2.32
AUTO1 - AutoModes EQ, volume, GC (0x1F)
By setting AMEQ to any setting other than 00 enables AutoMode EQ, biquads 1-5 are not
user programmable. Any coefficient settings for these biquads will be ignored. Also when
AutoMode EQ is used the pre-scale value for channels 1-6 becomes hard-set to -18 dB.
AutoMode downmix setting uses channels 7-8 of Mix#1 engine and therefore these
channels of this function are fixed and not allowed to be user set when in this mode.
D7
D6
D5
D4
D3
D2
D1
D0
AMDM
AMGC2
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
00
00
000
0
Table 53.
AMEQ bits
Bit
RW
RST
Name
Description
1:0
RW
0
AMEQ[1:0]
Biquad 2-6 mode is:
00: user programmable
01: preset EQ - PEQ bits
10: graphic EQ - xGEQ bits
11: auto volume controlled loudness curve
Table 54.
AMV bits
Bit
RW
RST
Name
Description
3:2
RW
0
AMV[1:0]
AutoMode volume mode (MVOL) is:
00: MVOL 0.5 dB 256 steps (standard)
01: MVOL auto curve 30 steps
10: MVOL auto curve 40 steps
11: MVOL auto curve 50 steps
6:4
RW
0
AMGC[2:0]
AutoMode gain compression/limiters mode is:
000: user programmable GC
001: AC no clipping
010: AC limited clipping (10%)
011: DRC nighttime listening mode
100: DRC TV commercial/channel AGC
101: AC 5.1 no clipping
110: AC 5.1 limited clipping (10%)
Table 55.
AMDM bit
Bit
RW
RST
Name
Description
7RW
0
AMDM
AutoMode 5.1 downmix:
0: normal operation
1: channels 7-8 are 2-channel downmix of channels
1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com