Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 22Page - STMicroelectronics STA309A Datasheet HTML 23Page - STMicroelectronics STA309A Datasheet HTML 24Page - STMicroelectronics STA309A Datasheet HTML 25Page - STMicroelectronics STA309A Datasheet HTML 26Page - STMicroelectronics STA309A Datasheet HTML 27Page - STMicroelectronics STA309A Datasheet HTML 28Page - STMicroelectronics STA309A Datasheet HTML 29Page - STMicroelectronics STA309A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Registers
STA309A
26/67
7.2.3
Configuration register C (0x02) - serial output formats
The STA309A features a serial audio output interface that consists of 8 channels. The serial
audio output always acts as a slave to the serial audio input interface and, therefore, all
output clocks are synchronous with the input clocks. The output sample frequency (fs) is
also equivalent to the input sample frequency. In the case of SACD/DSD input, the serial
audio output acts as a master with an output sampling frequency of 176.4 kHz. The output
serial format can be selected independently from the input format and is done via the SAO
and SAOFB bits.
D7
D6
D5
D4
D3
D2
D1
D0
SAOFB
SAO3
SAO2
SAIO
SAO0
0
000
0
Table 18.
SAO bits
Bit
RW
RST
Name
Description
0RW
0
SAO0
Serial audio output interface format: determines the
interface format of the output serial digital audio
interface.
1RW
0
SAO1
2RW
0
SAO2
3RW
0
SAO3
Table 19.
SAOFB bit
Bit
RW
RST
Name
Description
4RW
0
SAOFB
Determines MSB or LSB first for all SAO formats:
0: MSB first
1: LSB first
Table 20.
SAO serial clock
BICKI = BICKO
SAO[3:0]
Interface data format
32 * fs
0111
I2S data
1111
Left/right-justified 16-bit data
48 * fs
1110
I2S data
0001
Left-justified data
1010
Right-justified 24-bit data
1011
Right-justified 20-bit data
1100
Right-justified 18-bit data
1101
Right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com