Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 19Page - STMicroelectronics STA529_07 Datasheet HTML 20Page - STMicroelectronics STA529_07 Datasheet HTML 21Page - STMicroelectronics STA529_07 Datasheet HTML 22Page - STMicroelectronics STA529_07 Datasheet HTML 23Page - STMicroelectronics STA529_07 Datasheet HTML 24Page - STMicroelectronics STA529_07 Datasheet HTML 25Page - STMicroelectronics STA529_07 Datasheet HTML 26Page - STMicroelectronics STA529_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
STA529
ADC
23/58
6.1.2
High-pass filter characteristics
6.1.3
Programmable gain amplifier
The programmable gain amplifier (PGA) is available in mic-in mode only. It is possible to
amplify the input signal from 0 to 42 db in steps of 6 db. The setting is done through PGA
bits of the ADCCFG register (see ADCCFG on page 49 for details).
See Table 9 on page 14 for performance values.
6.2
Application scheme
Figure 6 shows the filter circuit.
Figure 6.
Block diagram
Table 14.
High-pass filter characteristics
Parameter
Typical
Unit
Frequency response:
-3 dB
-0.08 dB
7
50
Hz
Hz
Phase deviation at 20 Hz
19.35
degree
Passband ripple
0.08
dB
AC coupled
DC coupled
DC coupled
AC coupled
C9
C0
C1
C5
C2
C6
C3
C7
C4
C8
1.8 V supply
VSSA
VSSA
R1
INL
INR
AVDD
AGND
VHI
VLO
VCM
VBIAS
C1, C2, C3, C4 = 10 nF
(These capacitors must be
placed very close to their
respective pins)
C5, C6, C7 = 33 µF
(Low ESR and ESL
capacitors are
recommended)
VSSA plane must be
different from other
ground plane
3V, 3A must be a
low-noise supply and
separate from
other supplies
R1 = 500
Ω
C8 = 10 µF
C9, C0 = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com