Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 41Page - STMicroelectronics STA529_07 Datasheet HTML 42Page - STMicroelectronics STA529_07 Datasheet HTML 43Page - STMicroelectronics STA529_07 Datasheet HTML 44Page - STMicroelectronics STA529_07 Datasheet HTML 45Page - STMicroelectronics STA529_07 Datasheet HTML 46Page - STMicroelectronics STA529_07 Datasheet HTML 47Page - STMicroelectronics STA529_07 Datasheet HTML 48Page - STMicroelectronics STA529_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
STA529
Registers
45/58
PLLCFG0
PLL configuration register 0
Address:
0x14
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
PLLCFG1
PLL configuration register 1
Address:
0x15
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_DIRECT_
PROG
FRAC_CTRL
DITHER_DISABLE[1:0]
IDF[3:0]
7 PLL_DIRECT_PROG: PLL programming:
0: default
1: PLL is programmed according to the PLLCFG register settings
6 FRAC_CTRL:
0: default
1: PLL fractional-frequency synthesis is enabled
5:4 DITHER_DISABLE[1:0]:
00: default
MSB = 1: disables rectangular PDF dither input to SDM
LSB = 1: disables triangular PDF dither input to SDM
3:0 IDF[3:0]: PLL input division factor:
0000: IDF = 1 (default)
0001: IDF = 1
0010: IDF = 2
…
1111: IDF = 15
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FRAC_INPUT[15:8]
7:0 FRAC_INPUT[15:8]: 16 bits are used to set the fractional part of PLL multiplication factor:
0000 0000: default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com