Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 37Page - STMicroelectronics STA529_07 Datasheet HTML 38Page - STMicroelectronics STA529_07 Datasheet HTML 39Page - STMicroelectronics STA529_07 Datasheet HTML 40Page - STMicroelectronics STA529_07 Datasheet HTML 41Page - STMicroelectronics STA529_07 Datasheet HTML 42Page - STMicroelectronics STA529_07 Datasheet HTML 43Page - STMicroelectronics STA529_07 Datasheet HTML 44Page - STMicroelectronics STA529_07 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
STA529
Registers
41/58
S2PCFG0
Serial-to-parallel audio interface configuration
register 0
Address:
0x0A
Type:
R/W
Buffer:
No
Reset:
0xD2
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BICLK_STRB
LRCLK_LEFT
SHARE_BILR
MSB_FIRST
DATA_FORMAT[2:0]
MASTER_
MODE
7 BICLK_STRB:
0: bit clock strobe edge is falling edge, bit clock active edge is rising edge
1: bit clock strobe edge is rising edge, bit clock active edge is falling edge (default)
6 LRCLK_LEFT:
0: left/right clock is low for left channel, high for right channel
1: left/right clock is high for left channel, low for right channel (default)
5 SHARE_BILR:
0: default
1: left/right clock and bit clock are shared between serial-parallel interface and parallel-to-
serial interface, BICLKI and LRCLKI are used
4 MSB_FIRST:
0: LSB first
1: MSB first (default)
3:1 DATA_FORMAT[2:0]: serial interface protocol format:
000: left Justified
001: I2S (default)
010: right justified
100: PCM no delay
101: PCM delay
111: DSP
001: default
0 MASTER_MODE:
0: default
1: serial interface is in master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com