Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 6Page - STMicroelectronics STN8810 Datasheet HTML 7Page - STMicroelectronics STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics STN8810 Datasheet HTML 11Page - STMicroelectronics STN8810 Datasheet HTML 12Page - STMicroelectronics STN8810 Datasheet HTML 13Page - STMicroelectronics STN8810 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STn8810
Overview
9/15
1.20
Master display interface (MDIF)
This interface drives LCD display modules, that is, panels that include their own display
memory and perform LCD panel refresh themselves. The MDIF is a parallel bidirectional
interface that can send commands or data to or read data from the display panel logic. It has
a DMA engine to automatically fetch data/commands from main memory without CPU
intervention.
1.21
Pulse width light modulator (PWL)
The PWL provides control of LCD backlighting. It produces a series of pulses that are fed to
the backlighting, where the width (or duty cycle) of the pulses determines the perceived
lighting level. An 8-bit random sequence generator decreases the spectral power at the
modulator harmonic frequencies.
1.22
General purpose inputs/outputs (GPIOs)
The STn8810 provides 96 programmable inputs or outputs that have switchable pull-up and
pull-down resistors and are controllable in two modes:
●
Software mode through an APB bus interface
●
Hardware mode through a hardware control interface
The GPIO interface provides the following individually programmable functions:
●
Any number of pins may be configured as interrupt sources
●
Debouncing logic can be enabled for each GPIO to filter out glitches on I/Os
●
Any GPIO may be used to wake up the device from sleep mode independent of
interrupt programming, and the input level that triggers wake-up is definable for each
enabled GPIO.
1.23
MultiMediaCard/secure data card interface (MMC/SD)
This interface can directly control one SD card (without encryption/decryption logic), or one
MultiMediaCard. It also supports several of each card type using the GPIOs for card
selection.
1.24
USB On-The-Go interface
The STn8810 USB interface is USB 2.0 compliant, with On-The-Go standard extension (rev
1.0) compliance. The USB-OTG features:
●
Supports full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) signaling bit rate
●
Supports session request protocol (SRP) and host negotiation protocol (HNP)
●
7 bidirectional endpoints plus control endpoint 0
●
Digital interface to external PHY
●
Fully compatible with STw4810 power manager companion chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com