Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 7Page - STMicroelectronics STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics STN8810 Datasheet HTML 11Page - STMicroelectronics STN8810 Datasheet HTML 12Page - STMicroelectronics STN8810 Datasheet HTML 13Page - STMicroelectronics STN8810 Datasheet HTML 14Page - STMicroelectronics STN8810 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Overview
STn8810
10/15
1.25
I²C bus interface
The STn8810 provides two I²C bus interfaces that support the following features:
●
Slave transmitter/receiver and master transmitter/receiver modes
●
Multi-master capability
●
10-bit addressing
●
Standard (100 kHz) and fast (400 kHz) speeds
●
Compliance with I²C and DDC standards
In addition to receiving and transmitting data, the interface converts data from serial to
parallel format and vice-versa using an interrupt or polled handshake. The interrupts are
enabled and disabled in software.
1.26
Fast IrDA interface (FIrDA)
This interface supports IrDA half-duplex communications. It performs modulation and
demodulation of infrared signals, and the wrapping of IrLAP frames. The IrDA interface
supports the following infrared modes and baud rates:
●
Serial infrared (SIR): 9.6 Kbit/s, 19.2 Kbit/s, 38.4 Kbit/s, 57.6 Kbit/s and 115.2 Kbit/s
●
Medium infrared (MIR): 576 Kbit/s and 1.152 Mbit/s
●
Fast infrared (FIR): 4 Mbit/s
1.27
Multichannel serial ports (MSP)
The STn8810 provides three multichannel serial ports. These are synchronous receive and
transmit serial interfaces that support a data rate of up to 48 Mbit/s with the following
features:
●
Philips I²S format: left aligned with one cycle between leading edge of frame
synchronization and first data bit, 16 or 24 bits per sample
●
Sony format: right aligned, 48 cycles per frame, 16 or 24 bits per sample
●
Matsushita format: right aligned, 64 cycles per frame, 16 or 24 bits per sample
●
Programmable number of bitclock cycles per frame: 32, 48 or 64
●
Programmable polarity of bitclock and frame synchronization
●
Programmable number of bits per sample: 16, 18, 20 or 24 bits
It also provides:
●
µ-Law and A-Law compressing/expanding
●
Independent framing and clocking for receive and transmit
●
External shift clock or an internal, programmable frequency shift clock for data transfer
●
Support for DMA transfers
1.28
High-speed serial interface (HSI)
The STn8810 includes a full-duplex high-speed serial interface (MIPI legacy HSI). This high-
speed, 8-channel modem interface operates at up to 108 Mbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com