Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics STN8810 Datasheet HTML 11Page - STMicroelectronics STN8810 Datasheet HTML 12Page - STMicroelectronics STN8810 Datasheet HTML 13Page - STMicroelectronics STN8810 Datasheet HTML 14Page - STMicroelectronics STN8810 Datasheet HTML 15Page - STMicroelectronics STN8810 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
STn8810
Package mechanical data
13/15
Table 1.
Package dimensions
Databook (mm)
Drawing (mm)
Ref.
Min
Typ
Max
Min
Typ
Max
A
1.010
-
1.200
-
-
1.160(1)
1.
Maximum mounted height is 1.120 mm, based on a 0.28 mm ball pad diameter. Solder paste is 0.15 mm
thick and 0.28 mm in diameter.
A1
0.150
-
-
0.200
0.250
0.300
A2
-
0.820
-
-
0.820
-
b
0.250
0.300
0.350
0.250
0.300
0.350
D
11.750
12.000
12.150
11.900
12.000
12.100
D1
-
10.500
-
-
10.500
-
e
0.450
0.500
0.550
0.450
0.500
0.550
f
0.600
0.750
0.900
0.650
0.750
0.850
ddd
-
-
0.080
-
-
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com