Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 67 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 63Page - STMicroelectronics STV8247DSX Datasheet HTML 64Page - STMicroelectronics STV8247DSX Datasheet HTML 65Page - STMicroelectronics STV8247DSX Datasheet HTML 66Page - STMicroelectronics STV8247DSX Datasheet HTML 67Page - STMicroelectronics STV8247DSX Datasheet HTML 68Page - STMicroelectronics STV8247DSX Datasheet HTML 69Page - STMicroelectronics STV8247DSX Datasheet HTML 70Page - STMicroelectronics STV8247DSX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
67/156
STV82x7
Register List
DEMOD_STAT
Demodulator Detection Status Register
Note:
These registers allow direct access to the demodulator signal detectors.
AM_SEL
0
Demodulator Configuration Select
0: FM configuration of demodulator (Default)
1: AM configuration of demodulator
DEMOD_MODE[2:0]
110
Demodulator Mode Select
CH1 FM
CH2 FM/QPSK
000:
Normal
FM Normal
001:
Wide
FM Wide
010:
Normal
QPSK System B/G/L/D/K
011:
Wide
QPSK System B/G/L/D/K
100:
Normal
FM Wide
101:
Wide
FM Normal
110:
Normal
QPSK System I
111:
Wide
QPSK System I
Address: 0Dh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
QPSK_LK
FM2_CAR
FM2_SQ
FM1_CAR
FM1_SQ
Bit Name
Reset
Function
Bit [7:5]
000
Reserved.
QPSK_LK
0
QPSK Lock Detection Flag
0: Not detected
1: Detected
FM2_CAR
0
Channel 2 FM/AM Carrier Detection Flag
0: Not detected
1: Detected
FM2_SQ
0
Channel 2 FM Squelch Detection Flag
0: Not detected
1: Detected
FM1_CAR
0
Channel 1 FM/AM Carrier Detection Flag
0: Not detected
1: Detected
FM1_SQ
0
Channel 1 FM Squelch Detection Flag
0: Not detected
1: Detected
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com