Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 95 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 91Page - STMicroelectronics STV8247DSX Datasheet HTML 92Page - STMicroelectronics STV8247DSX Datasheet HTML 93Page - STMicroelectronics STV8247DSX Datasheet HTML 94Page - STMicroelectronics STV8247DSX Datasheet HTML 95Page - STMicroelectronics STV8247DSX Datasheet HTML 96Page - STMicroelectronics STV8247DSX Datasheet HTML 97Page - STMicroelectronics STV8247DSX Datasheet HTML 98Page - STMicroelectronics STV8247DSX Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 156 page
background image
95/156
STV82x7
Register List
PRESCALE_NICAM
NICAM Prescaling Register
PRESCALE_SCART
SCART Prescaling Register
Bit Name
Reset
Function
Bit 7
0
Reserved.
PRESCALE_FM[6:0] 0001100 -12 to + 24 dB FM prescaling to normalize the FM demodulated signal level before audio
processing. Auto level control can be implemented by I2C software using the Peak Level Detector.
(Default value = +6 dB)
G (dB)
G (dB)
0110000
+24
1101100
-10
0101111
+23.5
1101011
-10.5
0101110
+23
1101010
-11
0101101
+22.5
1101001
-11.5
0101100
+22
1101000
-12
etc.
Address: 96h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PRESCALE_NICAM
Bit Name
Reset
Function
Bit 7
0
Reserved.
PRESCALE_NICAM[6:0] 011010
-6 to + 24 dB NICAM prescaling to normalize the NICAM demodulated signal level before
audio processing. Auto level control can be implemented by I2C software using the Peak Level
Detector. (Default value = +13 dB)
G (dB)
G (dB)
0110000
+24
1111000
-4
0101111
+23.5
1110111
-4.5
0101110
+23
1110110
-5
0101101
+22.5
1110101
-5.5
0101100
+22
1110100
-6
etc.
Address: 97h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
PRESCALE_SCART
Bit Name
Reset
Function
Bit [7:6]
00
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com