Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 40Page - STMicroelectronics STV8247DSX Datasheet HTML 41Page - STMicroelectronics STV8247DSX Datasheet HTML 42Page - STMicroelectronics STV8247DSX Datasheet HTML 43Page - STMicroelectronics STV8247DSX Datasheet HTML 44Page - STMicroelectronics STV8247DSX Datasheet HTML 45Page - STMicroelectronics STV8247DSX Datasheet HTML 46Page - STMicroelectronics STV8247DSX Datasheet HTML 47Page - STMicroelectronics STV8247DSX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 156 page
background image
I²S Interface (In / Out)
STV82x7
44/156
6.2
I²S Output
A digital stereo output (I²S compatible) is also available for routing the demodulated signal or a
converted input audio signal to an external device. In this case, the I2S_DATA0 signal and all clock
signals are set as outputs by setting bit D6 in register RESET to 1.
The STV82x7 I²S drives the serial bus (SCLK, LR_CLK, I²S_DATA0) in master mode in 64.fs format
with a sampling frequency (fs) of 32 kHz. The I²S_PCM_CLK signal can be used as a master clock
in 512.fs format if required for the slave interface. Both standard and non-standard modes are
available, see Figure 29.
Note:
The I²S input and output modes are exclusive (this means that the I2S_DATA0 can be used as input
or as output).
Figure 27: TQFP 80 I²S Output Block Diagram
Figure 28: I²S Output Selection
Audio Processing
I2S_DATA0
fS Output = 32 kHz
I2S_SCLK
I2S_LR_CLK
fS Output = 32 kHz
fS Output * 64
48 kHz DSP
Processing
I2S_PCM_CLK
fS Output * 512
LS
Output
C/Sub
Output
Srnd/HP
Output
SCART
Output
I2S_DATA0
Register 56h: Bits[7:6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com