Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 106 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 102Page - STMicroelectronics STV8247DSX Datasheet HTML 103Page - STMicroelectronics STV8247DSX Datasheet HTML 104Page - STMicroelectronics STV8247DSX Datasheet HTML 105Page - STMicroelectronics STV8247DSX Datasheet HTML 106Page - STMicroelectronics STV8247DSX Datasheet HTML 107Page - STMicroelectronics STV8247DSX Datasheet HTML 108Page - STMicroelectronics STV8247DSX Datasheet HTML 109Page - STMicroelectronics STV8247DSX Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 156 page
background image
Register List
STV82x7
106/156
Note:
(x = user defined parameter)
PCM_SRND_DELAY
Note:
See Table 19 for audio/video delay configuration.
PCM_CENTER_DELAY
Note:
See Table 19 for audio/video delay configuration.
PRO_LOGIC2_CONFIG
Address: ABh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
SNRD_DELAY[4:0]
Bit Name
Reset
Function
Bits[7:5]
000
Reserved.
SNRD_DELAY[4:0]
00000
Surround Channel Delay
range: 0 to 30 (in ms)
Address: ACh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
CENTER_DELAY[3:0]
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
CENTER_DELAY[3:0] 0000
Center Channel Delay
range: 0 to 10 (in ms)
Address: ADh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PL2_LFE
0
0
PL2_SRND_FILTER[1:0]
PL2_RS_
POLARITY
PL2_
PANORAMA
PL2_
AUTOBALANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com