Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 113 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 109Page - STMicroelectronics STV8247DSX Datasheet HTML 110Page - STMicroelectronics STV8247DSX Datasheet HTML 111Page - STMicroelectronics STV8247DSX Datasheet HTML 112Page - STMicroelectronics STV8247DSX Datasheet HTML 113Page - STMicroelectronics STV8247DSX Datasheet HTML 114Page - STMicroelectronics STV8247DSX Datasheet HTML 115Page - STMicroelectronics STV8247DSX Datasheet HTML 116Page - STMicroelectronics STV8247DSX Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
113/156
STV82x7
Register List
SVC_HP_CONTROL
Table 28: Gain (threshold field) values in Manual mode
Manual Mode
Gain (dB)
Manual Mode
Gain (dB)
00101
+15.5
11101
-8.5
00100
+12
11100
-12
00011
+9.5
11011
-14.5
00010
+6
11010
-18
00001
+3.5
11001
-20.5
00000
0
11000
-24
11111
-2.5
10111
-26.5
11110
-6
10110
-30
Table 29: Threshold values in Automatic mode
Automatic Mode
Threshold (dB)
Automatic Mode
Threshold (dB)
11111
-2.5
11010
-18
11110
-6
11001
-20.5
11101
-8.5
11000
-24
11100
-12
10111
-26.5
11011
-14.5
10110
-30
Address: C0h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
SVC_
LHP_AMP
SVC_HP_ON
Bit Name
Reset
Function
Bits[7:2]
000000
Reserved.
SVC_LHP_AMP
1
0: 0 dB amplification in auto-mode
1: +6 dB amplification in auto-mode
SVC_HP_ON
0
0: Manual mode (simple prescaler)
1: Automatic mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com