Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247DSX Datasheet(PDF) 119 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 115Page - STMicroelectronics STV8247DSX Datasheet HTML 116Page - STMicroelectronics STV8247DSX Datasheet HTML 117Page - STMicroelectronics STV8247DSX Datasheet HTML 118Page - STMicroelectronics STV8247DSX Datasheet HTML 119Page - STMicroelectronics STV8247DSX Datasheet HTML 120Page - STMicroelectronics STV8247DSX Datasheet HTML 121Page - STMicroelectronics STV8247DSX Datasheet HTML 122Page - STMicroelectronics STV8247DSX Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 156 page
background image
119/156
STV82x7
Register List
LS_BASS_GAIN
Loudspeakers Bass Gain Register
Note:
With positive bass/treble settings, internal clipping may occur even with an overall volume of less
than 0 dB. This will lead to a clipped output signal. Therefore, it is not recommended to set bass/
treble bands to a value that, in conjunction with volume, would result in an overall positive gain.
LS_TREBLE_GAIN
Loudspeakers Treble Gain Register
Note:
With positive bass/treble settings, internal clipping may occur even with an overall volume of less
than 0 dB. This will lead to a clipped output signal. Therefore, it is not recommended to set bass/
treble bands to a value that, in conjunction with volume, would result in an overall positive gain.
12.17 Headphone Bass-Treble
HP_BT_CONTROL
Headphone Bass-Treble Control Register
Address: CFh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_BASS[7:0]
Bit Name
Reset
Function
LS_BASS[7:0]
0000
0000
Bass gain adjustment within a range from -12 dB to +12 dB in steps of 0.25 dB.
Address: D0h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_TREBLE
Bit Name
Reset
Function
LS_TREBLE[7:0]
0000
0000
Treble gain adjustment within a range from -12 dB to +12 dB in steps of 0.25 dB.
Address: D1h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
0
HP_BT_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com