Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST108AT1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # QST108AT1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button QST108AT1 Datasheet HTML 12Page - STMicroelectronics QST108AT1 Datasheet HTML 13Page - STMicroelectronics QST108AT1 Datasheet HTML 14Page - STMicroelectronics QST108AT1 Datasheet HTML 15Page - STMicroelectronics QST108AT1 Datasheet HTML 16Page - STMicroelectronics QST108AT1 Datasheet HTML 17Page - STMicroelectronics QST108AT1 Datasheet HTML 18Page - STMicroelectronics QST108AT1 Datasheet HTML 19Page - STMicroelectronics QST108AT1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Device operating modes
QST108
16/51
Figure 5.
Stand-alone mode typical schematic
4.5.2
KOUT outputs
KOUTn outputs directly reflect the state of keys. These pins are push-pull outputs except for
pins KOUT7 and KOUT8 which are true open-drain outputs. Under RESET, these pins are
floating and their state depends on the option resistors. Pins KOUTn are active high
meaning that when a key is “touched”, the corresponding KOUT pin outputs a ‘1’.
Ai12560
MOD_1/KOUT5
MOD_0/KOUT4
LP/KOUT3
AKS/KOUT2
VSS_1
VSS_2
VSS_3
VSS_4
VDD_1
VDD_2
RESET
VUNREG
4.7µF
4.7µF
2.4~5.5V
Volt. Reg.
OM/KOUT6
KOUT7
KOUT8
MODE/KOUT1
VDD
Binary-
coded
Output
Mode
10nF
VDD
10k
Ω
10k
Ω
To Host
100nF
100nF
SNS_SCK1
SNSK_SCK1
Key1
RS1
10k
Ω
CS1
Keep these parts close to IC
SNS_SCK2
SNSK_SCK2
Key2
RS2
10k
Ω
CS2
SNS_SCK3
SNSK_SCK3
Key3
RS3
10k
Ω
CS3
SNS_SCK4
SNSK_SCK4
Key4
RS4
10k
Ω
CS4
SNS_SCK5
SNSK_SCK5
Key5
RS5
10k
Ω
CS5
SNS_SCK6
SNSK_SCK6
Key6
RS6
10k
Ω
CS6
SNS_SCK7
SNSK_SCK7
Key7
RS7
10k
Ω
CS7
SNS_SCK8
SNSK_SCK8
Key8
RS8
10k
Ω
CS8
1
2
3
4
5
6
8
9
101112
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1M
Ω
VDD
VSS
KOUT6
1M
Ω
VDD
VSS
KOUT5
1M
Ω
VDD
VSS
KOUT4
1M
Ω
VDD
VSS
KOUT3
1M
Ω
VDD
VSS
KOUT2
1M
Ω
VDD
KOUT1
VDD
KOUT8
KOUT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com