Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST108AT1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # QST108AT1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button QST108AT1 Datasheet HTML 30Page - STMicroelectronics QST108AT1 Datasheet HTML 31Page - STMicroelectronics QST108AT1 Datasheet HTML 32Page - STMicroelectronics QST108AT1 Datasheet HTML 33Page - STMicroelectronics QST108AT1 Datasheet HTML 34Page - STMicroelectronics QST108AT1 Datasheet HTML 35Page - STMicroelectronics QST108AT1 Datasheet HTML 36Page - STMicroelectronics QST108AT1 Datasheet HTML 37Page - STMicroelectronics QST108AT1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Electrical characteristics
QST108
34/51
6.4
Operating conditions
6.5
Supply current characteristics
Figure 10.
IDD Sleep mode current characteristics
Table 27.
Operating conditions
Symbol
Feature
Value
Unit
VDD
Operating supply voltage
2.4 to 5.5
V
TA
Operating temperature
-40° to +85°
C
Table 28.
Supply current characteristics
Symbol
Parameter
Conditions
Min.
Typ. (1)
1.
The results are based on CS = 2.7nF and CX = 12.5pF
Max.
Unit
IDD (FR)
Average suppy current
Free Run mode
VDD = 2.4 V
1.71
mA
VDD = 3.3 V
2.17
VDD = 5 V
3.35
IDD
(Sleep
100ms)
Average suppy current
100ms Sleep mode
VDD = 2.4 V
276
µA
VDD = 3.3 V
389
VDD = 5 V
637
IDD
(Sleep
500ms)
Average suppy current
500ms Sleep mode
VDD = 2.4 V
108
µA
VDD = 3.3 V
144
VDD = 5 V
246
IDD
Deep
Sleep
Average suppy current
Deep Sleep mode
5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com