Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST108AT1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # QST108AT1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button QST108AT1 Datasheet HTML 43Page - STMicroelectronics QST108AT1 Datasheet HTML 44Page - STMicroelectronics QST108AT1 Datasheet HTML 45Page - STMicroelectronics QST108AT1 Datasheet HTML 46Page - STMicroelectronics QST108AT1 Datasheet HTML 47Page - STMicroelectronics QST108AT1 Datasheet HTML 48Page - STMicroelectronics QST108AT1 Datasheet HTML 49Page - STMicroelectronics QST108AT1 Datasheet HTML 50Page - STMicroelectronics QST108AT1 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Device revision information
QST108
48/51
9.2.2
Revision 2.3
●
When the device enters Low Power mode, an additional sleep time is inserted after
each burst, instead of once after every complete burst cycle. As a result, if only one
burst is required, the sleep duration during Low Power mode is doubled. And if two
bursts are required, the sleep duration is tripled.
In Standalone mode, the 100ms sleep duration low power becomes either a 200ms or
300ms sleep duration depending on the number of bursts required.
In I2C mode, it is required to program a sleep duration for one half or a third of the
desired sleep duration depending on the number of bursts required.
●
GET_PROTOCOL_VERSION returns 0x01 as I2CSpeed byte when it should return
0x00 (maximum speed is 100 kHz).
●
If a command is sent with an incorrect parity bit, the device reports an unsupported
command instead of a parity error.
●
In I2C mode, it is recommended to set the fast positive recalibration threshold to 5
using the SET_SCKEY_PARAMETERS command in order to ensure a reliable
behavior on low sensitivity keys.
●
AKS should be always enabled in BCD mode. The AKS pull-up option resistor should
be connected to pin KOUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com