Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9117 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9117
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9117 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9117 Datasheet HTML 3Page - Analog Devices AD9117 Datasheet HTML 4Page - Analog Devices AD9117 Datasheet HTML 5Page - Analog Devices AD9117 Datasheet HTML 6Page - Analog Devices AD9117 Datasheet HTML 7Page - Analog Devices AD9117 Datasheet HTML 8Page - Analog Devices AD9117 Datasheet HTML 9Page - Analog Devices AD9117 Datasheet HTML 10Page - Analog Devices AD9117 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 7 of 48
AC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD =
1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 3.
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V
fDAC = 125 MSPS, fOUT = 10 MHz
76
85
85
85
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
55
55
55
55
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
81
81
81
82
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
60
60
60
61
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−132
−143
−153
−157
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−128
−138
−146
−149
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−78
−78
−78
−78
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−80
−80
−80
−80
dBc
TMIN to TMAX, AVDD = 1.8 V, DVDD =
1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 8 mA, maximum sample rate, unless
otherwise noted.
Table 4.
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V
fDAC = 125 MSPS, fOUT = 10 MHz
73
76
76
76
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
48
48
48
48
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
76
76
76
76
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
50
50
50
50
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−125
−136
−146
−150
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−117
−127
−135
−138
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−69
−69
−69
−69
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−72
−72
−72
−72
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com