Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9117 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9117
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9117 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9117 Datasheet HTML 29Page - Analog Devices AD9117 Datasheet HTML 30Page - Analog Devices AD9117 Datasheet HTML 31Page - Analog Devices AD9117 Datasheet HTML 32Page - Analog Devices AD9117 Datasheet HTML 33Page - Analog Devices AD9117 Datasheet HTML 34Page - Analog Devices AD9117 Datasheet HTML 35Page - Analog Devices AD9117 Datasheet HTML 36Page - Analog Devices AD9117 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 33 of 48
SPI REGISTER MAP
Table 13.
Name
Addr
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Control
0x00
0x00
LSBFIRST
RESET
LNGINS
Power Down
0x01
0x40
LDOOFF
LDOSTAT
PWRDN
Q DACOFF
I DACOFF
QCLKOFF
ICLKOFF
EXTREF
Data Control
0x02
0x34
TWOS
IFIRST
IRISING
SIMULBIT
DCI_EN
DCOSGL
DCODBL
I DAC Gain
0x03
0x00
I DACGAIN[5:0]
IRSET
0x04
0x00
IRSETEN
IRSET[5:0]
IRCML
0x05
0x00
IRCMLEN
IRCML[5:0]
Q DAC Gain
0x06
0x00
Q DACGAIN[5:0]
QRSET
0x07
0x00
QRSETEN
QRSET[5:0]
QRCML
0x08
0x00
QRCMLEN
QRCML[5:0]
AUXDAC Q
0x09
0x00
QAUXDAC[7:0]
AUX CTLQ
0x0A
0x00
QAUXEN
QAUXRNG[1:0]
QAUXOFS[2:0]
QAUXDAC[9:8]
AUXDAC I
0x0B
0x00
IAUXDAC[7:0]
AUX CTLI
0x0C
0x00
IAUXEN
IAUXRNG[1:0]
IAUXOFS[2:0]
IAUXDAC[9:8]
Reference
Resistor
0x0D
0x00
RREF[5:0]
Cal Control
0x0E
0x00
PRELDQ
PRELDI
CALSELQ
CALSELI
CALCLK
DIVSEL[2:0]
Cal Memory
0x0F
0x00
CALSTATQ
CALSTATI
CALMEMQ[1:0]
CALMEMI[1:0]
Memory Address
0x10
0x00
MEMADDR[5:0]
Memory Data
0x11
0x34
MEMDATA[5:0]
Memory R/W
0x12
0x00
CALRSTQ
CALRSTI
CALEN
SMEMWR
SMEMRD
UNCALQ
UNCALI
CLKMODE
0x14
0x00
CLKMODEQ[1:0]
Searching
Reacquire
CLKMODEN
CLKMODEI[1:0]
Version
0x1F
N/A
VERSION[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com