Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9117 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9117
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9117 Datasheet(HTML) 1 Page - Analog Devices

  AD9117 Datasheet HTML 1Page - Analog Devices AD9117 Datasheet HTML 2Page - Analog Devices AD9117 Datasheet HTML 3Page - Analog Devices AD9117 Datasheet HTML 4Page - Analog Devices AD9117 Datasheet HTML 5Page - Analog Devices AD9117 Datasheet HTML 6Page - Analog Devices AD9117 Datasheet HTML 7Page - Analog Devices AD9117 Datasheet HTML 8Page - Analog Devices AD9117 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Dual, 8-/10-/12-/14-Bit Low
Power Digital-to-Analog Converters
AD9114/AD9115/AD9116/AD9117
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Power dissipation @ 3.3 V, 20 mA output
191 mW @ 10 MSPS
232 mW @ 125 MSPS
Sleep mode: <3 mW @ 3.3 V
Supply voltage: 1.8 V to 3.3 V
SFDR to Nyquist
86 dBc @ 1 MHz output
85 dBc @ 10 MHz output
AD9117 NSD @ 1 MHz output, 125 MSPS, 20mA: −162 dBc/Hz
Differential current outputs: 4 mA to 20 mA
Two on-chip auxiliary DACs
CMOS inputs with single-port operation
Output common mode: adjustable 0 V to 1.2 V
Small footprint 40-lead LFCSP Pb-free package
APPLICATIONS
Wireless infrastructures
Picocell, femtocell base stations
Medical instrumentation
Ultrasound transducer excitation
Portable instrumentation
Signal generators, arbitrary waveform generators
GENERAL DESCRIPTION
The AD9114/AD9115/AD9116/AD9117 are pin-compatible
dual, 8-/10-/12-/14-bit, low power digital-to-analog converters
(DACs) that provide a sample rate of 125 MSPS. These TxDAC®
converters are optimized for the transmit signal path of commu-
nication systems. All the devices share the same interface, LFCSP,
and pinout, providing an upward or downward component
selection path based on performance, resolution, and cost.
The AD9114/AD9115/AD9116/AD9117 offer exceptional ac and
dc performance and support update rates up to 125 MSPS.
The flexible power supply operating range of 1.8 V to 3.6 V and
low power dissipation of the AD9114/AD9115/AD9116/AD9117
make them well-suited for portable and low power applications.
PRODUCT HIGHLIGHTS
1.
Low Power.
DACs operate on a single 1.8 V to 3.3 V supply; total power
consumption reduces to 225 mW at 100 MSPS. Sleep and
power-down modes are provided for low power idle
periods.
2.
CMOS Clock Input.
High speed, single-ended CMOS clock input supports
125 MSPS conversion rate.
3.
Easy Interfacing to Other Components.
Adjustable output common mode from 0 V to 1.2 V allows
for easy interfacing to other components that accept common-
mode levels greater than 0 V.


Similar Part No. - AD9117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9117 AD-AD9117 Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9117-DPG2-EBZ AD-AD9117-DPG2-EBZ Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9117BCPZ AD-AD9117BCPZ Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9117BCPZN AD-AD9117BCPZN Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9117BCPZNRL7 AD-AD9117BCPZNRL7 Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
More results

Similar Description - AD9117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9741 AD-AD9741 Datasheet
638Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com