Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 5 Page - Texas Instruments

  THS7375IPWR Datasheet HTML 1Page - Texas Instruments THS7375IPWR Datasheet HTML 2Page - Texas Instruments THS7375IPWR Datasheet HTML 3Page - Texas Instruments THS7375IPWR Datasheet HTML 4Page - Texas Instruments THS7375IPWR Datasheet HTML 5Page - Texas Instruments THS7375IPWR Datasheet HTML 6Page - Texas Instruments THS7375IPWR Datasheet HTML 7Page - Texas Instruments THS7375IPWR Datasheet HTML 8Page - Texas Instruments THS7375IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ELECTRICAL CHARACTERISTICS: VS+ = +5 V
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
RL = 150 Ω to GND, dc-coupled input and output, Filter Mode, unless otherwise noted.
THS7375
TYP
OVER TEMPERATURE
MIN/
0°C to
–40°C to
TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
MAX
UNITS
AC PERFORMANCE
Min/
Small-signal bandwidth (–3 dB)
VO = 0.2 VPP
(1)
9.5
7.6/11.4
7.4/11.6
7.3/11.7
MHz
Max
Min/
Large-signal bandwidth (–3 dB)
VO = 2 VPP
(1)
9.5
7.6/11.4
7.4/11.6
7.3/11.7
MHz
Max
–1 dB passband bandwidth
8
Typ
MHz
Bypass mode bandwidth (–3 dB)
VO = 0.2 VPP
70
Typ
MHz
Slew rate
Bypass mode
150
Typ
V/
µs
Min/
f = 6.75 MHz
0.3
–0.9/1.1
–1/1.4
–1.1/1.6
dB
Attenuation
Max
with respect to 500 kHz
f = 27 MHz
54
42
40
39
Min
dB
Group delay
f = 100 kHz
75
Typ
ns
Group delay variation
f = 5.1 MHz
10
Typ
ns
with respect to 100 kHz
Channel-to-channel delay
0.3
Typ
ns
Differential gain
NTSC/PAL
0.2/0.3
Typ
%
Differential phase
NTSC/PAL
0.35/0.5
Typ
°
Total harmonic distortion
f = 1 MHz, VO = 2 VPP
–70
Typ
dB
100 kHz to 6 MHz: non-weighted /
Signal-to-noise ratio
61/70
Typ
dB
unified weighting
Channel-to-channel crosstalk
f = 1 MHz, worst case
–55
Typ
dB
Min/
AC gain—all channels
14.95
14.7/15.3
14.6/15.4
14.6/15.4
dB
Max
Output impedance
f = 5 MHz; filter mode
1.4
Typ
Ω
DC PERFORMANCE
Min/
Biased output voltage/level shift
VIN = 0 V
320
170/430
160/440
150/450
mV
Max
Input voltage range
Limited by output
–0.1/0.8
Typ
V
Sync tip clamp charge current
VIN = –0.1 V
200
140
130
120
Min
µA
Input resistance
800
Typ
k
Ω
Input capacitance
2
Typ
pF
OUTPUT CHARACTERISTICS
RL = 150 Ω to +2.5V
4.85
Typ
V
RL = 150 Ω to GND
4.75
4.4
4.3
4.3
Min
V
High output voltage swing
RL = 75 Ω to +2.5V
4.7
Typ
V
RL = 75 Ω to GND
4.5
Typ
V
RL = 150 Ω to +2.5V (VIN = –0.2 V)
0.05
Typ
V
RL = 150 Ω to GND (VIN = –0.2 V)
0.02
0.12
0.16
0.17
Max
V
Low output voltage swing
RL = 75 Ω to +2.5 V (VIN = –0.2 V)
0.1
Typ
V
RL = 75 Ω to GND (VIN = –0.2 V)
0.05
Typ
V
Output current (sourcing)
RL = 10 Ω to +2.5 V
90
Typ
mA
Output current (sinking)
RL = 10 Ω to +2.5 V
85
Typ
mA
(1)
The min/max values listed for this specification are ensured by design and characterization only.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com