Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 19Page - Texas Instruments THS7375IPWR Datasheet HTML 20Page - Texas Instruments THS7375IPWR Datasheet HTML 21Page - Texas Instruments THS7375IPWR Datasheet HTML 22Page - Texas Instruments THS7375IPWR Datasheet HTML 23Page - Texas Instruments THS7375IPWR Datasheet HTML 24Page - Texas Instruments THS7375IPWR Datasheet HTML 25Page - Texas Instruments THS7375IPWR Datasheet HTML 26Page - Texas Instruments THS7375IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
OUTPUT MODE OF OPERATION:
75 W
Y'/G'Out
CVBS/Sync
CVBS
+3.3V
+3.3V
R
DAC/Encoder
SDTV
CVBS
S-Video
Y'P' P'
R'G'B'
B
R
Y'/G'
R
P' /B'
B
R
P' /R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7375
ToGPIOController
orGND
75 W
75 W
P’ /B'Out
B
75 W
75 W
P’ /R'Out
R
75 W
75 W
75 W
+3Vto+5V
0.1 F
m
(1)
0.1 F
m
(1)
0.1 F
m
(1)
0.1 F
m
(1)
R
PU
+3.3V
R
PU
330 F
m
(2)
75 W
CVBSOut1
75 W
330 F
m
(2)
75 W
Y'Out1
75 W
330 F
m
(2)
75 W
P' Out1
B
75 W
330 F
m
(2)
75 W
P' Out1
R
75 W
330 F
m
(2)
330 F
m
(2)
330 F
m
(2)
330 F
m
(2)
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
This
configuration
helps
ensure
line-to-line
dc
AC-COUPLED
isolation and avoids the potential problems discussed
above. Using a single 1000-
µF capacitor for two lines
A very common method of coupling the video signal
can be done, but there is a chance for interference to
to the line is the use of a large capacitor. This
be created between the two receivers.
capacitor is typically between 220
µF and 1000 µF,
although 470
µF is very common. The value of this
Lastly, because of the edge rates and frequencies of
capacitor must be large enough to minimize the line
operation, it is recommended (but not required) to
tilt (droop) and/or field tilt associated with ac coupling
place a 0.1-
µF to 0.01-µF capacitor in parallel with
as
described
previously
in
this
document.
AC
the large 220-
µF to 1000-µF capacitor. These
coupling is done for several reasons, but most often
large-value
capacitors
are
generally
aluminum
to ensure full interoperability with the receiving video
electrolytic. It is well-known that these capacitors
system. AC coupling also ensures adherence to video
have significantly large equivalent series resistance
standard specifications. It ensures that regardless of
(ESR), and the impedance at high frequencies is
the reference dc voltage used on the transmit side,
rather large because of the associated inductances
the receive side re-establishes the dc reference
involved with the leads and construction. The small
voltage to its own requirements.
0.1-
µF to 0.01-µF capacitors help pass these
high-frequency (> 1-MHz) signals with much lower
As with the dc output mode of operation discussed
impedance than the large capacitors.
previously, each line should have a 75-
Ω source
termination resistor in series with the ac coupling
Although it is common to use the same capacitor
capacitor. If two lines are to be driven, it is best to
values for all the video lines, the frequency bandwidth
have each line use its own capacitor and resistor
of the chroma signal in a S-Video system are not
rather than sharing these components, as shown in
required to go as low (or as high of a frequency) as
Figure 51.
the luma channels. Thus, the capacitor values of the
chroma line(s) can be smaller, such as 0.1
µF.
(1) An ac-coupled input is shown in this example. DC coupling is also allowed as long as the DAC output voltage is within the allowable
linear input and output voltage range of the THS7375. To dc-couple, remove the 0.1-
µF input capacitors and R
PU.
(2) An ac-coupled output is shown in this example. DC coupling is also allowed by simply removing these capacitors.
Figure 51. Typical SDTV AC-Input System Driving Two AC-Coupled Video Lines
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com