Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 21Page - Texas Instruments THS7375IPWR Datasheet HTML 22Page - Texas Instruments THS7375IPWR Datasheet HTML 23Page - Texas Instruments THS7375IPWR Datasheet HTML 24Page - Texas Instruments THS7375IPWR Datasheet HTML 25Page - Texas Instruments THS7375IPWR Datasheet HTML 26Page - Texas Instruments THS7375IPWR Datasheet HTML 27Page - Texas Instruments THS7375IPWR Datasheet HTML 28Page - Texas Instruments THS7375IPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Reducing System Gain
75 W
VideoOut
DAC
R2
53.6 W
R1
21.5 W
75 W
5.6V/V
THS7375
V
INPUT
0.44V
PP
V
DAC
0.615V
100%SaturatedCVBS
PP
2.46V
PP
1.23V
PP
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
coefficient capacitors found in the BiCom3X process.
One final advantage of the THS7375 over a passive
These filters have been specified by design to
filter is power dissipation. A DAC driving a video line
account for process and temperature variations to
must be able to drive a 37.5-
Ω load—the receiver
maintain proper filter characteristics. This architecture
75-
Ω resistor and the 75-Ω source impedance
maintains a low channel-to-channel time delay, which
matching resistor next to the DAC to maintain the
is required for proper video signal performance.
source impedance requirement. This approach forces
the DAC to drive at least 1.25 VP (100% saturation
Another benefit of the THS7375 over a passive RLC
CVBS)/37.5
Ω = 33.3 mA. A DAC is a current
filter is the input and output impedance. The input
steering element and this amount of current flows
impedance
presented
to
the
DAC
may
vary
internally to the DAC even if the output is 0 V. Thus,
significantly with a passive network and may cause
power dissipation in the DAC may be very high,
voltage variations over frequency. The THS7375
especially when four channels are being driven. With
input impedance is 800 k
Ω, and only the 2-pF input
a high input impedance and the capability to drive up
capacitance plus the PCB trace capacitance impacts
to two video lines, utilizing the THS7375 can reduce
the input impedance. As such, the voltage variation
the
DAC
power
dissipation
significantly.
This
appearing at the DAC output is better controlled with
reduction occurs because the resistance the DAC is
a fixed termination resistor and the high input
driving can be substantially increased. It is common
impedance buffer of the THS7375.
to set this driving resistance in a DAC by a
current-setting resistor on the device. Thus, the
On the output side of the filter, a passive filter also
resistance can be 300
Ω or more, substantially
has a large impedance variation over frequency. The
reducing the current drive demands from the DAC
EIA770 specifications requires the return loss be at
and saving a substantial amount of power. For
least 25 dB over the video frequency range of usage.
example, a 3.3-V four-channel DAC dissipates 440
For a video system, this condition implies the source
mW for the steering current capability alone (four
impedance—which includes the source and the
channels × 33.3 mA × 3.3 V) if it must drive a 37.5-
Ω
series resistor and the filter—must be better than 75
load. With a 300-
Ω load, the DAC power dissipation
+9/–8
Ω. The THS7375 is an operational amplifier
as a result of current steering current would only be
that approximates an ideal voltage source. A voltage
55 mW (four channels × 4.16 mA × 3.3 V).
source is desirable because the output impedance is
very low and can source and sink current. To properly
match the transmission line characteristic impedance
of a video line, a 75-
Ω series resistor is placed on the
The THS7375 has a built-in gain of 5.6 V/V, or 14.95
output. To minimize reflections and to maintain a
dB. While this gain matches the needs of many of
good return loss, this output resistance must maintain
Texas Instruments' video processors, including the
a 75-
Ω impedance. A passive filter impedance
DaVinci family of products, the gain can be easily
variation cannot ensure this consistent performance
reduced to meet other needs. The easiest and most
while the THS7375 has about 1.4-
Ω of output
effective method of adjusting the gain lower is to
impedance at 5-MHz. Thus, the system is much
simply use a resistor divider on the input to the
better matched with a THS7375 as compared to a
THS7375, as shown in Figure 52. This solution uses
passive filter.
resistors R1 and R2 to accomplish two requirements:
1. Terminate
the
video
DAC
with
the
proper
resistance, and
2. Form a resistor divider in before the THS7375
input.
Figure 52. Configuring the THS7375 with 4-V/V (12dB) Gain
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com