Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21462C Datasheet(PDF) 3 Page - Microchip Technology

Part # 21462C
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21462C Datasheet(HTML) 3 Page - Microchip Technology

  21462C Datasheet HTML 1Page - Microchip Technology 21462C Datasheet HTML 2Page - Microchip Technology 21462C Datasheet HTML 3Page - Microchip Technology 21462C Datasheet HTML 4Page - Microchip Technology 21462C Datasheet HTML 5Page - Microchip Technology 21462C Datasheet HTML 6Page - Microchip Technology 21462C Datasheet HTML 7Page - Microchip Technology 21462C Datasheet HTML 8Page - Microchip Technology 21462C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2002 Microchip Technology Inc.
DS21462C-page 3
TC74
SMBus/I2C Rise Time
SMBus/I2C Fall Time
tR
tF
—
—
—
—
1000
300
nsec
nsec
10% to 90%
90% to10%
START Condition Setup Time
(for repeated START
Condition)
tSU(START)
4.0
—
—
µsec 90% SCLK to 10% SDA
START Condition Hold Time
tH(START)
4.0
—
—
µsec
Data In Setup Time
tSU-DATA
1000
—
—
nsec
Data In Hold Time
tH-DAT
1250
—
—
nsec
STOP Condition Setup Time
tSU(STOP)
4.0
—
—
µsec
Bus Free Time Prior to New
Transition
tIDLE
4.7
—
—
µsec
Power-on Reset Delay
tPOR
—500
—
µsec VDD ≥ VPOR (Rising Edge)
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VDD = 3.3V for TC74AX-3.3VXX and
VDD = 5.0V for TC74AX-5.0VXX, -40°C ≤ TA ≤ 125°C. Note 5
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Operating current is an average value integrated over multiple conversion cycles. Transient current may
exceed this specification.
2: Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec.
3: Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will
cause self-heating and temperature drift error.
4: SDA and SCLK must be connected to VDD or GND.
5: VDD = 3.3V for TC74AX -3.3 VXX. VDD = 5.0V for TC74AX -5.0 VXX. All part types of the TC74 will operate
properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified for rated
accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1°C/V
of VDD change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com