Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21462C Datasheet(PDF) 7 Page - Microchip Technology

Part # 21462C
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21462C Datasheet(HTML) 7 Page - Microchip Technology

Back Button 21462C Datasheet HTML 3Page - Microchip Technology 21462C Datasheet HTML 4Page - Microchip Technology 21462C Datasheet HTML 5Page - Microchip Technology 21462C Datasheet HTML 6Page - Microchip Technology 21462C Datasheet HTML 7Page - Microchip Technology 21462C Datasheet HTML 8Page - Microchip Technology 21462C Datasheet HTML 9Page - Microchip Technology 21462C Datasheet HTML 10Page - Microchip Technology 21462C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002 Microchip Technology Inc.
DS21462C-page 7
TC74
FIGURE 3-1:
SMBus/I2C Protocols.
3.3
START Condition (S)
The TC74 continuously monitors the SDA and SCLK
lines for a START condition (a high-to-low transition of
SDA while SCLK is high) and will not respond until this
condition is met.
3.4
Address Byte
Immediately following the START condition, the host
must transmit the address byte to the TC74. The states
of A2, A1 and A0 determine the SMBus/I2C address for
the TC74. The 7-bit address transmitted in the serial bit
stream must match for the TC74 to respond with an
Acknowledge (indicating the TC74 is on the bus and
ready to accept data). The 8-bit in the address byte is
a Read/Write bit. This bit is a ‘1’ for a read operation or
‘0’ for a write operation. During the first phase of any
transfer, this bit will be set = 0, indicating that the
command byte is being written.
3.5
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the TC74. The host releases
SDA after transmitting 8 bits. The host then generates
a ninth clock cycle to allow the TC74 to pull the SDA
line low. This action acknowledges that the TC74
successfully received the previous 8 bits of data or
address.
3.6
Data Byte
After a successful ACK of the address byte, the host
must transmit the data byte to be written, or clock-in the
data to be read (see the appropriate timing diagrams).
ACK will be generated upon a successful write of a
data byte into the TC74.
3.7
STOP Condition (P)
Communications must be terminated by a STOP
condition (a low-to-high transition of SDA while SCLK
is high). The STOP condition must be communicated
by the transmitter to the TC74. Refer to Figure 1-1,
“Timing Diagrams”, for serial bus timing.
SAddress
WR
ACK
Command
ACK
Data
ACK
P
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write Byte Format
Read Byte Format
SAddress
WR
ACK
Command
ACK
S
Address
RD
ACK
Data
NACK
P
7 Bits
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data-
flow direction.
Data Byte: reads from
the register set by the
command byte.
Receive Byte Format
S
Address
RD
ACK
Data
NACK
P
7 Bits
8 Bits
Data Byte: reads data from
the register commanded by
the last Read Byte or Write
Byte transmission.
S = START Condition
P = STOP Condition
Shaded = Slave Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com