Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21462C Datasheet(PDF) 2 Page - Microchip Technology

Part # 21462C
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21462C Datasheet(HTML) 2 Page - Microchip Technology

  21462C Datasheet HTML 1Page - Microchip Technology 21462C Datasheet HTML 2Page - Microchip Technology 21462C Datasheet HTML 3Page - Microchip Technology 21462C Datasheet HTML 4Page - Microchip Technology 21462C Datasheet HTML 5Page - Microchip Technology 21462C Datasheet HTML 6Page - Microchip Technology 21462C Datasheet HTML 7Page - Microchip Technology 21462C Datasheet HTML 8Page - Microchip Technology 21462C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC74
DS21462C-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings†
Supply Voltage (VDD) ............................................ +6V
Voltage On Any Pin ....... (GND – 0.3V) to (VDD + 0.3V)
Current On Any Pin ..........................................±50 mA
Operating Temperature (TA) ........ -40°C ≤ TA ≤ +125°C
Storage Temperature (TSTG)..............-65°C to +150°C
Junction Temperature (TJ)................................ +150°C
† Notice: Stresses above those listed under "Maxi-
mum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at those or any other conditions
above those indicated in the operation listings of this
specification is not implied. Exposure to maximum rat-
ing conditions for extended periods may affect device
reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VDD = 3.3V for TC74AX-3.3VXX and
VDD = 5.0V for TC74AX-5.0VXX, -40°C ≤ TA ≤ 125°C. Note 5
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Power-on Reset Threshold
VPOR
1.2
2.2
V
VDD Falling Edge or Rising
Edge
Supply Voltage
VDD
2.7
5.5
V
Note 5
Operating Current
IDD
200
350
µA
VDD = 5.5V, Note 1
Standby Supply Current
IDD-STANDBY
5.0
10
µA
VDD = 3.3V
Serial Port Inactive, Note 4
Temperature-to-Bits Converter
Temperature Accuracy
TERR
-2.0
-3.0
±2.0
+2.0
+3.0
°C
+25°C <TA < +85°C
0°C < TA < +125°C
-40°C < TA < 0°C
Conversion Rate
CR
4
8
SPS
Note 2
Serial Port Interface
Logic Input High
VIH
0.8 x VDD
——
V
Logic Input Low
VIL
0.2 x VDD
V
SDA Output Low
VOL
0.4
0.6
V
V
IOL = 3 mA
IOL = 6 mA, Note 3
Input Capacitance SDA, SCLK
CIN
—5.0
pF
I/O Leakage
ILEAK
-1.0
0.1
1.0
µA
Serial Port AC Timing (CLOAD = 80 pF)
SMBus/I2C Clock Frequency
fSMB
10
100
kHz
Low Clock Period
tLOW
4.7
µsec 10% to 10%
High Clock Period
tHIGH
4.0
µsec 90% to 90%
Note 1: Operating current is an average value integrated over multiple conversion cycles. Transient current may
exceed this specification.
2: Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec.
3: Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will
cause self-heating and temperature drift error.
4: SDA and SCLK must be connected to VDD or GND.
5: VDD = 3.3V for TC74AX -3.3 VXX. VDD = 5.0V for TC74AX -5.0 VXX. All part types of the TC74 will operate
properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified for rated
accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1°C/V
of VDD change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com