Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPC0310BTI3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 8Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 9Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 10Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 11Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 12Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 13Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 14Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 15Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
PIN DESCRIPTION
12/51
Issue 1.2
ISA/IDE COMBINED CONTROL
IOCHRDY / DIORDY
I/O
I/O Channel Ready (ISA) - Busy/Ready (IDE)
1
ISA CONTROL
OSC14M
O
ISA bus synchronisation clock
1
ALE
O
Address Latch Enable
1
BHE#
I/O
System Bus High Enable
1
MEMR#, MEMW#
I/O
Memory Read and Memory Write
2
SMEMR#, SMEMW#
O
System Memory Read and Memory Write
2
IOR#, IOW#
I/O
I/O Read and Write
2
MASTER#
I
Add On Card Owns Bus
1
MCS16#, IOCS16#
I
Memory/IO Chip Select16
2
REF#
O
Refresh Cycle.
1
AEN
O
Address Enable
1
ZWS#
I
Zero Wait State
1
IOCHCK#
I
I/O Channel Check.
1
ISAOE#
O
Bidirectional OE Control
1
RTCAS#
O
Real Time Clock Address Strobe
1
GPIOCS#
I/O
General Purpose Chip Select
1
IDE CONTROL
PIRQ
I
Primary Interrupt Request
1
SIRQ
I
Secondary Interrupt Request
1
PDRQ
I
Primary DMA Request
1
SDRQ
I
Secondary DMA Request
1
PDACK#
O
Primary DMA Acknowledge
1
SDACK#
O
Secondary DMA Acknowledge
1
PIOR#
I/O
Primary I/O Read
1
PIOW#
O
Primary I/O Write
1
SIOR#
I/O
Secondary I/O Read
1
SIOW#
O
Secondary I/O Write
1
IPC
IRQ_MUX[3:0]
I
Multiplexed Interrupt Request
4
DREQ_MUX[1:0]
I
Multiplexed DMA Request
2
DACK_ENC[2:0]
O
DMA Acknowledge
3
TC
O
ISA Terminal Count
1
MONITOR INTERFACE
RED, GREEN, BLUE
O
Red, Green, Blue
3
VSYNC
O
Vertical Sync
1
HSYNC
O
Horizontal Sync
1
VREF_DAC
I
DAC Voltage reference
1
RSET
I
Resistor Set
1
COMP
I
Compensation
1
DDC[1:0]
I/O
Display Data Channel Serial Link
2
SCL / DDC[1]
I/O
I C Interface - Clock / Can be used for VGA DDC[1] signal
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Description
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com