Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPC0310BTI3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 26Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 27Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 28Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 31Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 32Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 33Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
ELECTRICAL SPECIFICATIONS
30/51
Issue 1.2
4. ELECTRICAL SPECIFICATIONS
4.1 Introduction
The electrical specifications in this chapter are val-
id for the STPC Consumer.
4.2 Electrical Connections
4.2.1 Power/Ground Connections/Decoupling
Due to the high frequency of operation of the
STPC Consumer, it is necessary to install and test
this device using standard high frequency tech-
niques. The high clock frequencies used in the
STPC Consumer and its output buffer circuits can
cause transient power surges when several output
buffers switch output levels simultaneously. These
effects can be minimized by filtering the DC power
leads with low-inductance decoupling capacitors,
using low impedance wiring, and by utilizing all of
the VSS and VDD pins.
4.2.2 Unused Input Pins
All inputs not used by the designer and not listed
in the table of pin connections in Chapter 3 should
be connected either to VDD or to VSS. Connect
active-high inputs to VDD through a 20 k
Ω (±10%)
pull-down resistor and active-low inputs to VSS
and connect active-low inputs to VCC through a
20 k
Ω (±10%) pull-up resistor to prevent spurious
operation.
4.2.3 Reserved Designated Pins
Pins designated reserved should be left discon-
nected. Connecting a reserved pin to a pull-up re-
sistor, pull-down resistor, or an active signal could
cause unexpected results and possible circuit
malfunctions.
4.3 Absolute Maximum Ratings
The following table lists the absolute maximum
ratings for the STPC Consumer device. Stresses
beyond those listed under Table 4-1 limits may
cause permanent damage to the device. These
are stress ratings only and do not imply that oper-
ation under any conditions other than those spec-
ified in section ”Operating Conditions”.
Exposure to conditions beyond Table 4-1 may (1)
reduce device reliability and (2) result in prema-
ture failure even when there is no immediately ap-
parent sign of failure. Prolonged exposure to con-
ditions at or near the absolute maximum ratings
(Table 4-1) may also result in reduced useful life
and reliability.
Table 4-1. Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDDx
DC Supply Voltage
-0.3, 4.0
V
VI,VO
Digital Input and Output Voltage
-0.3, VDD + 0.3
V
TSTG
Storage Temperature
-40, +150
°C
TOPER
Operating Temperature
0, +70
°C
PTOT
Total Power Dissipation
4.8
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com