Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPC0310BTI3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 23Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 24Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 25Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 26Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 27Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 28Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
STRAP OPTION
27/51
Issue 1.2
3. STRAP OPTION
This chapter defines the STPC Consumer Strap
Options and their location
Memory
Data
Lines
Note
Refer to
Designation
Location
Actual
Settings
Set to ’0’
Set to ’1’
MD0
1
Index 4A, Bit 0
User defined COLOR_KEY
SMEMW#
MD1
-
Reserved
-
-
-
-
MD2
2
DRAM Bank 1
Speed
Index 4A, bit 2
User defined
70 ns
60 ns
MD3
2
Speed
Index 4A, bit 3
Pull up
MD4
2
Type
Index 4A,bit 4
User defined
EDO
FPM
MD5
2
DRAM Bank 0
Speed
Index 4A,bit 5
User defined
70 ns
60 ns
MD6
2
Speed
Index 4A,bit 6
Pull up
-
-
MD7
2
Type
Index 4A, bit 7
User defined
EDO
FPM
MD8
2
-
Reserved
Index4B,bit0
Pull up
-
-
MD9
2
-
Reserved
Index4B,bit1
-
-
-
MD10
2
DRAM Bank 3
Speed
Index 4B,bit 2
User defined
70 ns
60 ns
MD11
2
Speed
Index 4B,bit 3
Pull up
-
-
MD12
2
Type
Index 4B,bit 4
User defined
EDO
FPM
MD13
2
DRAM Bank 2
Speed
Index 4B,bit 5
User defined
70 ns
60 ns
MD14
2
Speed
Index 4B, bit 6
Pull up
-
-
MD15
2
Type
Index 4B,bit 7
User defined
EDO
FPM
MD16
-
Reserved
Index 4C,bit 0
Pull up
-
-
MD17
PCI Clock
PCI_CLKO Divisor
Index 4C,bit 1
User defined
HCLK / 2
HCLK / 3
MD18
-
Reserved
Index 4C,bit 2
Pull up
-
-
MD19
-
Reserved
Index 4C,bit 3
Pull up
-
-
MD20
-
Reserved
Index 4C, bit4
Pull up
-
-
MD21
-
Reserved
Index 5F, bit 0
Pull up
-
-
MD22
-
Reserved
Index 5F, bit 1
Pull up
-
-
MD23
-
Reserved
Index 5F,bit 2
Pull up
-
-
MD24
HCLK
HCLK PLL Speed
Index 5F,bit 3
User defined
000
25 MHz
MD25
Index 5F,bit 4
User defined
001
33 MHz
MD26
Index 5F,bit 5
User defined
010
40 MHz
User defined
011
50 MHz
User defined
100
60 MHz
User defined
101
66 MHz
User defined
110
75 MHz
User defined
111
80 MHz
MD27
-
Reserved
-
Pull down
-
-
MD28
-
Reserved
-
Pull down
-
-
MD29
-
Reserved
-
Pull down
-
-
MD30
-
Reserved
-
Pull down
-
-
MD31
-
Reserved
-
Pull down
-
-
MD32
-
Reserved
-
Pull down
-
-
MD33
-
Reserved
-
Pull down
-
-
MD34
-
Reserved
-
Pull down
-
-
MD35
-
Reserved
-
Pull down
-
-
MD36
-
Reserved
-
Pull up
-
-
MD37
-
Reserved
-
Pull up
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com