Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34D64WMN6TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M34D64WMN6TP
Description  64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64WMN6TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M34D64WMN6TP Datasheet HTML 13Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 14Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 15Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 16Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 17Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 18Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 19Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 20Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
M34D64-W
Device operation
17/27
Figure 9.
Read mode sequences
1.
The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 4th bytes)
must be identical.
3.10
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
3.11
Random Address Read
A dummy Write is performed to load the address into the address counter (as shown in
Figure 9.: Read mode sequences) but without sending a Stop condition. Then, the bus
master sends another Start condition, and repeats the Device Select Code, with the
Read/Write bit (RW) set to 1. The device acknowledges this, and outputs the contents of the
addressed byte. The bus master must not acknowledge the byte, and terminates the transfer
with a Stop condition.
Dev sel *
Byte addr
Byte addr
Dev sel
Data out 1
AI01105d
Data out N
Current
Address
Read
Dev sel
Data out
Random
Address
Read
Dev sel *
Data out
Sequential
Current
Read
Data out N
Dev sel *
Byte addr
Byte addr
Sequential
Random
Read
Dev sel *
Data out 1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com