Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34D64WMN6TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M34D64WMN6TP
Description  64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64WMN6TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M34D64WMN6TP Datasheet HTML 19Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 20Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 21Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 22Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 23Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 24Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 25Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 26Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Revision history
M34D64-W
26/27
9
Revision history
Table 14.
Document revision history
Date
Revision
Changes
23-Mar-1999
1.0
Document written
09-Jun-1999
1.1
Memory Map illustration added. Line removed from Tab-2
16-Nov-2000
1.2
M34D32 removed; PSDIP8 package removed; 4.5 to 5.5V and 1.8 to
3.6V ranges removed; 0 to 70°C and -20 to 85°C ranges removed
13-Sep-2002
2.0
New edition. TSSOP8 package added
04-Apr-2003
2.1
Addresses on Memory Map figure corrected.
tW of 5ms offered on certain versions of the device (bearing process
identification letter “B”)
23-Oct-2007
3
M34D64-R root part number removed (R voltage range removed).
TSSOP8 package removed. SO8N packages are ECOPACK® compliant.
SO8N package specifications updated (sse Section 7: Package
mechanical data). Note removed below Table 9: Input parameters.
Table 6: Absolute maximum ratings and related notes modified.
Section 2: Signal description modified. Power On Reset: VCC Lock-Out
Write Protect section removed.
Rise/fall time conditions modified for ICC in Table 10: DC characteristics.
Write time tW updated in Table 11: AC characteristics.
Figure 11: AC waveforms modified. Minor text changes.
17-Apr-2008
4
Obsolete product(s) watermark removed.
Section 2.6.3: Device reset updated. Figure 5: Maximum RL value versus
bus capacitance (CBUS) for an I2C bus updated. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com