Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33911 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Analog Integrated Circuit Device Data
38
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
Timing Control Register - TIMCR
This register is a double purpose register which allows to
configure the watchdog and the cyclic sense periods. Writing
to the Timing Control Register (TIMCR) will also return the
Watchdog Status Register (WDSR).
CS/WD - Cyclic Sense or Watchdog prescaler select.
This write-only bit selects which prescaler is being written
to, the Cyclic Sense prescaler or the watchdog prescaler.
1 = Cyclic Sense Prescaler selected
0 = watchdog Prescaler select
WDx - Watchdog Prescaler
This write-only bits selects the divider for the watchdog
prescaler and therefore selects the watchdog period in
accordance with Table 22. This configuration is valid only if
windowing watchdog is active.
Table 22. Watchdog Prescaler
CYSTx - Cyclic Sense Period Prescaler Select
This write-only bits selects the interval for the wake-up
cyclic sensing together with the bit CYSX8 in the
Configuration Register (CFR) (see page 39).
This option is only active if the high side switch is enabled
when entering in Stop or Sleep Mode. Otherwise a timed
wake-up is performed after the period shown in Table 23.
Table 23. Cyclic Sense Interval
Watchdog Status Register - WDSR
This register returns the watchdog status information and
is also returned when writing to the TIMCR.
WDTO - Watchdog Timeout
This read-only bit signals the last reset was caused by
either a watchdog timeout or by an attempt to clear the
watchdog within the window closed.
Any access to this register or the TIMCR will clear the
WDTO bit.
1 = Last reset caused by watchdog timeout
0 = None
Table 21. Timing Control Register - $A
C3
C2
C1
C0
Write
CS/WD
WD2
WD1
WD0
CYST2
CYST1
CYST0
Reset
Value
-
000
Reset
Condition
-POR
WD2
WD1
WD0
Prescaler Divider
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
6
1
0
0
8
1
0
1
10
1
1
0
12
1
1
1
14
CYSX8(59)
CYST2
CYST1
CYST0
Interval
X
0
0
0
No cyclic sense
0
0
0
1
20ms
0
0
1
0
40ms
0
0
1
1
60ms
0
1
0
0
80ms
0
1
0
1
100ms
0
1
1
0
120ms
0
1
1
1
140ms
1
0
0
1
160ms
1
0
1
0
320ms
1
0
1
1
480ms
1
1
0
0
640ms
1
1
0
1
800ms
1
1
1
0
960ms
1
1
1
1
1120ms
Notes
59.
bit CYSX8 is located in Configuration Register (CFR)
Table 24. Watchdog Status Register - $A/$B
S3
S2
S1
S0
Read
WDTO
WDERR
WDOFF
WDWO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com