Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33911 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
L1 AND L2 INPUTS
Wake-Up Filter Time
tWUF
8.0
20
38
µs
STATE MACHINE TIMING
Delay Between CS LOW-to-HIGH Transition (at the End of a SPI Stop
Command) and Stop Mode Activation(44)
tSTOP
–
–
5.0
µs
Normal Request Mode Timeout (see Figure 12, page 19
)
tNRTOUT
110
150
205
ms
Delay Between SPI Command and HS/LS Turn On(45)
9V < VSUP < 27V
tS-ON
–
–
10
µs
Delay Between SPI Command and HS/LS Turn Off(45)
9V < VSUP < 27V
tS-OFF
–
–
10
µs
Delay Between Normal Request and Normal Mode After a Watchdog Trigger
Command (Normal Request Mode)(44)
tSNR2N
–
–
10
µs
Delay Between CS Wake-Up (CS LOW to HIGH) in Stop Mode and:
Normal Request Mode, VDD ON and RST HIGH
First Accepted SPI Command
tWUCS
tWUSPI
9.0
90
15
—
80
N/A
µs
Minimum Time Between Rising and Falling Edge on the CS
t2CS
4.0
—
—
µs
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0KBIT/SEC(46), (47)
Duty Cycle 1: D1 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 50µs
7.0V
≤ V
SUP ≤ 18V
D1
0.396
—
—
Duty Cycle 2: D2 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 50µs
7.6V
≤ V
SUP ≤ 18V
D2
—
—
0.581
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR SLOW SLEW RATE - 10.4KBIT/SEC(46), (48)
Duty Cycle 3: D3 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 96µs
7.0V
≤ V
SUP ≤ 18V
D3
0.417
—
—
µs
Duty Cycle 4: D4 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 96µs
7.6V
≤ V
SUP ≤ 18V
D4
—
—
0.590
µs
Notes
44.
This parameter is guaranteed by process monitoring but not production tested.
45.
Delay between turn on or off command (rising edge on CS) and HS or LS ON or OFF, excluding rise or fall time due to an external load.
46.
Bus load RBUS and CBUS 1.0nF / 1.0kΩ, 6.8nF / 660Ω, 10nF / 500Ω. Measurement thresholds: 50% of TXD signal to LIN signal threshold
defined at each parameter. See Figure 6, page 17.
47.
See Figure 7, page 17.
48.
See Figure 8, page 17.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com