Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33911 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
Interrupt Mask Register - IMR
This register allow to mask some of interrupt sources. The
respective flags within the Interrupt Source Register (ISR) will
continue to work but will not generate interrupts to the MCU.
The 5V Regulator over-temperature prewarning interrupt and
Under Voltage (VSUV) interrupts can not be masked and will
always cause an interrupt.
Writing to the Interrupt Mask Register (IMR) will return the
ISR.
HSM - High Side Interrupt Mask
This write-only bit enables/disables interrupts generated in
the high side block.
1 = HS Interrupts Enabled
0 = HS Interrupts Disabled
LSM - Low Side Interrupt Mask
This write-only bit enables/disables interrupts generated in
the low side block.
1 = LS Interrupts Enabled
0 = LS Interrupts Disabled
LINM - LIN Interrupts Mask
This write-only bit enables/disables interrupts generated in
the LIN block.
1 = LIN Interrupts Enabled
0 = LIN Interrupts Disabled
VMM - Voltage Monitor Interrupt Mask
This write-only bit enables/disables interrupts generated in
the Voltage Monitor block. The only maskable interrupt in the
Voltage Monitor Block is the VSUP over-voltage interrupt.
1 = Interrupts Enabled
0 = Interrupts Disabled
Interrupt Source Register - ISR
This register allows the MCU to determine the source of
the last interrupt or wake-up respectively. A read of the
register acknowledges the interrupt and leads IRQ pin to
high, in case there are no other pending interrupts. If there
are pending interrupts, IRQ will be driven high for 10µs and
then be driven low again.
This register is also returned when writing to the IMR.
ISRx - Interrupt Source Register
These read-only bits indicate the interrupt source following
Table 30. If no interrupt is pending than all bits are 0.
In case more than one interrupt is pending, than the
interrupt sources are handled sequentially multiplex.
Table 30. Interrupt Sources
Table 28. Interrupt Mask Register - $E
C3
C2
C1
C0
Write
HSM
LSM
LINM
VMM
Reset
Value
1111
Reset
Condition
POR
Table 29. Interrupt Source Register - $E/$F
S3
S2
S1
S0
Read
ISR3
ISR2
ISR1
ISR0
Interrupt Source
Priority
ISR3
ISR2
ISR1
ISR0
none maskable
maskable
0
0
0
0
no interrupt
no interrupt
none
0
0
0
1
Lx Wake-up from Stop Mode-
highest
0
0
1
0
-
HS Interrupt (Over-temperature)
0
0
1
1
-
LS Interrupt (Over-temperature)
0
1
0
0
LIN Interrupt (RXSHORT, TXDOM, LIN OT, LIN
OC) or LIN Wake-up
0
1
0
1
Voltage Monitor Interrupt
(Low-voltage and VDD over-temperature)
Voltage Monitor Interrupt
(High-voltage)
0
1
1
0
-
Forced Wake-up
lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com