Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMG3003NT1_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MMG3003NT1
50 OHM TYPICAL CHARACTERISTICS
25
°C
10
25
0
f, FREQUENCY (GHz)
Figure 2. Small-Signal Gain (S21) versus
Frequency
VCC = 6.2 Vdc
20
15
1234
−40
°C
S11
4
−30
0
0
S22
f, FREQUENCY (GHz)
Figure 3. Input/Output Return Loss versus
Frequency
VCC = 6.2 Vdc
ICC = 180 mA
−20
12
3
−10
25
11
23
5
Pout, OUTPUT POWER (dBm)
Figure 4. Small-Signal Gain versus Output
Power
21
19
17
15
13
10
15
20
3500 MHz, C5 = 0.5 pF
2600 MHz, C5 = 1.2 pF
2140 MHz, C5, C6 = 1.3 pF
1960 MHz, C5, C6 = 1.3 pF
900 MHz, C5 = 2.7 pF
9
VCC = 6.2 Vdc
ICC = 180 mA
3.5
3
2.5
2
1.5
1
0.5
17
25
22
21
20
19
18
f, FREQUENCY (GHz)
Figure 5. P1dB versus Frequency
VCC =6.2 Vdc
ICC = 180 mA
23
24
6.5
0
200
4
VCC, COLLECTOR VOLTAGE (V)
Figure 6. Collector Current versus Collector
Voltage
150
100
50
4.5
5
5.5
6
4
30
45
0
f, FREQUENCY (GHz)
Figure 7. Third Order Output Intercept Point
versus Frequency
42
39
36
33
12
3
VCC = 6.2 Vdc
ICC = 180 mA
100 kHz Tone Spacing
TC = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com