Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MMG3003NT1
9
RF Device Data
Freescale Semiconductor
50 OHM APPLICATION CIRCUIT: 2500-2700 MHz
Figure 23. 50 Ohm Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
C5
Z1
Z2
C1
Z5
Z6
C2
R1
L1
VCC
Z4
Z3
DUT
Figure 24. S21, S11 and S22 versus Frequency
2800
−40
30
2200
f, FREQUENCY (MHz)
2300
2400
2600
2700
20
10
0
−10
−20
−30
Figure 25. 50 Ohm Test Circuit Component Layout
C1
L1
C2
R1
C5
C4
C3
Z1, Z6
0.347″ x 0.058″ Microstrip
Z2
0.575″ x 0.058″ Microstrip
Z3
0.086″ x 0.058″ Microstrip
Z4
0.085″ x 0.058″ Microstrip
Z5
0.404″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr = 4.1
2500
VCC = 6.2 Vdc
ICC = 180 mA
S22
S21
S11
MMG30XX
Rev 2
Table 12. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
2.2 pF Chip Capacitors
06035J2R2BS
AVX
C3
68 pF Chip Capacitor
C0805C680J5RAC
Kemet
C4
0.01 μF Chip Capacitor
C0603C103J5RAC
Kemet
C5 (1)
1.2 pF Chip Capacitor
06035J1R2BS
AVX
L1
39 nH Chip Inductor
HK160839NJ-T
Taiyo Yuden
R1
7.5 W Chip Resistor
RK73B2ATTE7R5J
KOA Speer
1. Tuning capacitor: Capacitor value and location on the transmission line are varied for different frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com