Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMG3003NT1_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMG3003NT1
5
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS
30
45
5.8
VCC, COLLECTOR VOLTAGE (V)
Figure 8. Third Order Output Intercept Point
versus Collector Voltage
42
39
36
33
6
6.2
6.4
6.6
f = 900 MHz
100 kHz Tone Spacing
100
−40
−20
0
20
40
60
80
39
42
T, TEMPERATURE (
_C)
Figure 9. Third Order Output Intercept Point
versus Case Temperature
41
40
VCC = 6.2 Vdc
f = 900 MHz
100 kHz Tone Spacing
8 Vdc Supply with 10
W Dropping Resistor
Figure 10. Third Order Intermodulation versus
Output Power
Pout, OUTPUT POWER (dBm)
24
912
15
18
21
−80
−30
−50
−60
−70
−40
VCC = 6.2 Vdc
ICC = 180 mA
f = 900 MHz
100 kHz Tone Spacing
150
103
105
120
Figure 11. MTTF versus Junction Temperature
104
125
130
135
140
145
TJ, JUNCTION TEMPERATURE (°C)
NOTE: The MTTF is calculated with VCC = 6.2 Vdc, ICC = 180 mA
4
0
8
0
f, FREQUENCY (GHz)
Figure 12. Noise Figure versus Frequency
VCC = 6.2 Vdc
ICC = 180 mA
6
4
2
0.5
2
3
1
1.5
2.5
3.5
19
−70
−20
9
Pout, OUTPUT POWER (dBm)
Figure 13. Single-Carrier W-CDMA Adjacent
Channel Power Ratio versus Output Power
−30
−40
−50
−60
17
15
13
11
VCC = 6.2 Vdc, ICC = 180 mA, f = 2140 MHz, C5 = 1.3 pF
Single−Carrier W−CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability (CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com