Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52235 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Electrical Characteristics
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
33
2.4
Phase Lock Loop Electrical Specifications
Table 23. Active Current Consumption Specifications
Characteristic
Symbol
Typical
Peak
Unit
Running from
SRAM,
EPHY Off
Running from
Flash,
EPHY Off
Running from
Flash, EPHY
10BaseT
Running from
Flash, EPHY
100BaseT
Active current, core and I/O
PLL @25 MHz
PLL @60 MHz
IDDR+IDDX
+IDDA
75
130
82
138
150
220
260
310
290
340
mA
Analog supply current
Normal operation
Low-power STOP
IDDA
20
15
20
15
20
15
20
15
30
50
mA
μA
Table 24. Current Consumption Specifications in Low-Power Modes1
1 All values are measured with a 3.30 V power supply.
Mode2
2 Refer to the “Power Management” chapter in the MCF52235 ColdFire® Integrated
Microcontroller Reference Manual for more information on low-power modes.
PLL @25 MHz
(typical)3
3 These values were obtained with CLKOUT and all peripheral clocks except for the CFM clock
disabled prior to entering low-power mode. The tests were performed at room temperature. All
code was executed from flash memory; running code from SRAM further reduces power
consumption.
PLL @60 MHz
(typical)3
PLL @60 MHz
(peak)4
4 These values were obtained with CLKOUT and all peripheral clocks enabled. All code was
executed from flash memory.
Unit
STOP mode 3 (STPMD[1:0]=11)
0.2
1.0
mA
STOP mode 2 (STPMD[1:0]=10)
7
—
STOP mode 1 (STPMD[1:0]=01)
10
12
—
STOP mode 0 (STPMD[1:0]=00)
10
12
—
WAIT
16
27
—
DOZE
16
27
—
RUN
25
45
—
Table 25. PLL Electrical Specifications
(VDD and VDDPLL = 2.7 to 3.6 V, VSS = VSSPLL = 0 V)
Characteristic
Symbol
Min
Max
Unit
PLL reference frequency range1
Crystal reference
External reference
fref_crystal
fref_ext
2
2
10.0
10.0
MHz
System frequency 2
External clock mode
On-Chip PLL Frequency
fsys
0
fref / 32
60
60
MHz
Loss of reference frequency 3, 5
fLOR
100
1000
kHz
Self clocked mode frequency 4, 5
fSCM
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com