Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52235 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF52235 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
MCF52235 Family Configurations
Freescale Semiconductor
4
1.1
Block Diagram
The MCF52235 (or its variants) comes in 80- and 112-pin low-profile quad flat pack packages (LQFP) and a 121 MAPBGA,
and operates in single-chip mode only. Figure 1 shows a top-level block diagram of the MCF52235.
Figure 1. MCF52235 Block Diagram
1.2
Features
This document contains information on a new product under development. Freescale reserves the right to change or discontinue
this product without notice. Specifications and information herein are subject to change without notice.
Arbiter
Interrupt
Controller 1
UART
0
QSPI
UART
1
UART
2
I2C
DTIM
0
DTIM
1
DTIM
2
DTIM
3
V2 ColdFire CPU
IFP
OEP
EMAC
4 CH DMA
MUX
JTAG
TAP
To/From PADI
32 Kbytes
SRAM
(4K
×16)×4
256 Kbytes
Flash
(32K
×16)×4
PORTS
(GPIO)
CIM
RSTIN
RSTOUT
SDA
SCL
UTXDn
URXDn
URTSn
DTINn/DTOUTn
CANRX
JTAG_EN
ADC
AN[7:0]
VRH
VRL
PLL
CLKGEN
Edge
Port 2
FlexCAN
EXTAL
XTAL CLKOUT
RNGA
PIT1
GPT
PWM
To/From Interrupt Controller
CANTX
UCTSn
PMM
EzPort
EzPCS
QSPI_CLK,
QSPI_CSn
PWMn
QSPI_DIN,
QSPI_DOUT
GPTn
Fast
Ethernet
Controller
(FEC)
EPHY
EPHY_RX
EPHY_TX
PIT0
Edge
Port 1
Interrupt
Controller 2
EzPQ
EzPD
EzPCK
RTC
CAU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com