Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H40APR Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6204H40APR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H40APR Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6204H40APR Datasheet HTML 11Page - Torex Semiconductor XC6204H40APR Datasheet HTML 12Page - Torex Semiconductor XC6204H40APR Datasheet HTML 13Page - Torex Semiconductor XC6204H40APR Datasheet HTML 14Page - Torex Semiconductor XC6204H40APR Datasheet HTML 15Page - Torex Semiconductor XC6204H40APR Datasheet HTML 16Page - Torex Semiconductor XC6204H40APR Datasheet HTML 17Page - Torex Semiconductor XC6204H40APR Datasheet HTML 18Page - Torex Semiconductor XC6204H40APR Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15/49
XC6204/XC6205
Series
SYMBOL
E-0
SYMBOL
E-0
OUTPUT VOLTAGE
(V)
(1% products)
OUTPUT VOLTAGE
(V)
(1% products)
VOUT
VOUT
VOUT (T)
MIN.
MAX.
VOUT (T)
MIN.
MAX.
2.95
2.921
2.980
4.55
4.505
4.596
3.00
2.970
3.030
4.60
4.554
4.646
3.05
3.020
3.081
4.65
4.604
4.697
3.10
3.069
3.131
4.70
4.653
4.747
3.15
3.119
3.182
4.75
4.703
4.798
3.20
3.168
3.232
4.80
4.752
4.848
3.25
3.218
3.283
4.85
4.802
4.899
3.30
3.267
3.333
4.90
4.851
4.949
3.35
3.317
3.384
4.95
4.901
5.000
3.40
3.366
3.434
5.00
4.950
5.050
3.45
3.416
3.485
5.05
5.000
5.101
3.50
3.465
3.535
5.10
5.049
5.151
3.55
3.515
3.586
5.15
5.099
5.202
3.60
3.564
3.636
5.20
5.148
5.252
3.65
3.614
3.687
5.25
5.198
5.303
3.70
3.663
3.737
5.30
5.247
5.353
3.75
3.713
3.788
5.35
5.297
5.404
3.80
3.762
3.838
5.40
5.346
5.454
3.85
3.812
3.889
5.45
5.396
5.505
3.90
3.861
3.939
5.50
5.445
5.555
3.95
3.911
3.990
5.55
5.495
5.606
4.00
3.960
4.040
5.60
5.544
5.656
4.05
4.010
4.091
5.65
5.594
5.707
4.10
4.059
4.141
5.70
5.643
5.757
4.15
4.109
4.192
5.75
5.693
5.808
4.20
4.158
4.242
5.80
5.742
5.858
4.25
4.208
4.293
5.85
5.792
5.909
4.30
4.257
4.343
5.90
5.841
5.959
4.35
4.307
4.394
5.95
5.891
6.010
4.40
4.356
4.444
6.00
5.940
6.060
4.45
4.405
4.494
4.50
4.455
4.545
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart (Continued)
XC6204 series, 1% products
Note:±1% output voltage accuracy products are available for the XC6204E~H series from VOUT=2.95V.
PARAMETER
SETTING
OUTPUT VOLTAGE (V)
PARAMETER
SETTING
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com