Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H40APR Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6204H40APR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H40APR Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6204H40APR Datasheet HTML 13Page - Torex Semiconductor XC6204H40APR Datasheet HTML 14Page - Torex Semiconductor XC6204H40APR Datasheet HTML 15Page - Torex Semiconductor XC6204H40APR Datasheet HTML 16Page - Torex Semiconductor XC6204H40APR Datasheet HTML 17Page - Torex Semiconductor XC6204H40APR Datasheet HTML 18Page - Torex Semiconductor XC6204H40APR Datasheet HTML 19Page - Torex Semiconductor XC6204H40APR Datasheet HTML 20Page - Torex Semiconductor XC6204H40APR Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17/49
XC6204/XC6205
Series
VOUT
0.9V ~ 1.2V
1.25V ~ 1.75V
CL
4.7
μF
2.2
μF
■TYPICAL APPLICATION CIRCUIT
< Low ESR Capacitors >
With the XC6204/05 series, a stable output voltage is achievable even if used with a low ESR capacitor as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output
capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor
with a capacitance value of at least 1
μF. Also, please connect an input capacitor (CIN) of 0.1μF between the VIN pin and the
VSS pin in order to ensure a stable power input.
■OPERATIONAL EXPLANATION
Output voltage control with the XC6204/6205 series:
The voltage divided by resistors R1 & R2 is compared with the internal
reference voltage by the error amplifier.
The P-channel MOSFET, which is connected to the VOUT pin, is then
driven by the subsequent output signal. The output voltage at the VOUT
pin is controlled & stabilized by a system of negative feedback.
The current limit circuit and short protect circuit operate in relation to the
level of output current. Further, the IC's internal circuitry can be
shutdown via the CE pin's signal.
● Recommended output capacitor values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com