Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H40APR Datasheet(PDF) 48 Page - Torex Semiconductor

Part # XC6204H40APR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H40APR Datasheet(HTML) 48 Page - Torex Semiconductor

Back Button XC6204H40APR Datasheet HTML 41Page - Torex Semiconductor XC6204H40APR Datasheet HTML 42Page - Torex Semiconductor XC6204H40APR Datasheet HTML 43Page - Torex Semiconductor XC6204H40APR Datasheet HTML 44Page - Torex Semiconductor XC6204H40APR Datasheet HTML 45Page - Torex Semiconductor XC6204H40APR Datasheet HTML 46Page - Torex Semiconductor XC6204H40APR Datasheet HTML 47Page - Torex Semiconductor XC6204H40APR Datasheet HTML 48Page - Torex Semiconductor XC6204H40APR Datasheet HTML 49Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
48/49
XC6204/XC6205 Series
MARK
①
②
PRODUCT SERIES
0
5
XC6205xxxxDx
MARK
TYPE
PRODUCT SERIES
A
CE pin:
High Active with Pull-Down Resistor Built-In
XC6205AxxxDx
B
CE pin:
High Active with No Pull-Down Resistor Built-In
XC6205BxxxDx
C
CE pin:
Low Active with Pull-Up Resistor Built-In
XC6205CxxxDx
D
CE pin:
Low Active with No Pull-Up Resistor Built-In
XC6205DxxxDx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3.X
XC6205x3xxDx
5
5.X
XC6205x5xxDx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
X.0
XC6205xx0xDx
A
X.05
XC6205xx0ADx
1
X.1
XC6205xx1xDx
B
X.15
XC6205xx1ADx
2
X.2
XC6205xx2xDx
C
X.25
XC6205xx2ADx
3
X.3
XC6205xx3xDx
D
X.35
XC6205xx3ADx
4
X.4
XC6205xx4xDx
E
X.45
XC6205xx4ADx
5
X.5
XC6205xx5xDx
F
X.55
XC6205xx5ADx
6
X.6
XC6205xx6xDx
H
X.65
XC6205xx6ADx
7
X.7
XC6205xx7xDx
K
X.75
XC6205xx7ADx
8
X.8
XC6205xx8xDx
L
X.85
XC6205xx8ADx
9
X.9
XC6205xx8xDx
M
X.95
XC6205xx9ADx
●USP-6B
⑤Represents decimal point of output voltage
①②Represents product series
③Represents type of voltage regulator
④Represents integer of output voltage
⑥Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
*No character inversion used.
[XC6205]
■MARKING RULE(Continued)
USP-6B
(TOP VIEW)
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com