Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3105 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3105
Description  0.5A Low Voltage- Low Dropout CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3105 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3105 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pin Configuration & Marking Information
12
3
P3105 V
XAT Y W
Top View
SOT-89-3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage...............................................4.0V
Output Pin Voltage....................-0.3V to V +0.3V
Operation Temperature Range...........
Operation Junction Temperature......
Storage Temperature..................... -65
to 150
Maximum Junction Temperature..................150
Soldering Temperature.......................300
, 5sec
IN
℃℃
℃
-40
to 85
-40
to 125
℃℃
℃℃
℃
Recommended Operating Conditions
Supply Voltage Range.......................1.4V to 3.6V
Operation Temperature Range...........-40
to 85
Junction Temperature Range.......... -40
to 125
℃℃
℃℃
Thermal Information
Pin Number
Name
Function
1
GND
Ground
2
VIN
Input
3
VOUT
Output
V: Voltage Code
Y:Year
W: Weekly
X: Internal Code
A: Assembly Code
T: Testing Code
08/2007
PAM3105
0.5A Low Voltage- Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance
(Junction to Case)
θJC
SOT-89-3
50
Thermal Resistance
(Junction to Ambient)
θJA
SOT-89-3
180
℃/W
Internal Power Dissipation
PD
SOT-89-3
550
mW
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com