Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3105 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM3105
Description  0.5A Low Voltage- Low Dropout CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3105 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM3105 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Outline Dimension
12
A A SECTION
-
A A SECTION
-
(:
)
Unit mm
(:
)
Unit mm
SOT 89 3
--
SOT 89 3
--
45 005
..
45 005
.
.
1 400 REF
.
1 400 REF
.
150 0 05
..
150 0 05
.
.
6’
038 0 01
..
038 0 01
.
.
100 0 07
..
100 0 07
.
.
150
.
150
.
150
.
150
.
3 00 0 025
..
3 00 0 025
.
.
0 46 0 025
..
0 46 0 025
.
.
6’-2X
6’-2X
1 650 REF
.
1 650 REF
.
A
Do
Po
P2
P1
D1
Ao
8Max
'
8Max
'
Ko
12 Max
'
12 Max
'
T
A
Symbol
Ao
Bo
Ko
Po
P1
P2
T
Spec
4.85±0.1 4.45±0.1 1.85±0.1
4.0±0.1
8.0±0.10 2.0±0.05 0.254±0.02
Symbol
E
F
Do
D1
W
10Po
Spec
1.75±0.1 5.5±0.05 1.50±0.10 1.5±0.25
12.0+0.3
-0.1
40.0±0.2
08/2007
PAM3105
0.5A Low Voltage- Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com