Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3105 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3105
Description  0.5A Low Voltage- Low Dropout CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3105 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3105 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3105 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Performance Characteristics
T =25 C, C =4.7uF, C =2.2uF, unless otherwise noted.
AIN
O
O
4
1. Output Voltage vs Input Voltage
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
2.2
2.5
2.8
3.1
3.4
3.7
4
Input voltage(V)
Io=500mA
Io=200mA
Io=1mA
Vo=3.3V
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=500mA
Io=200mA
Io=1mA
Vo=0.9V
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=200mA
Io=1mA
Io=500mA
Vo=1.8V
2. Output Voltage vs Output Current
Vo=3.3V
Vo=0.9V
Vo=1.8V
0.85
0.875
0.9
0.925
0.95
0
100
200
300
400
500
Output Current(mA)
VIN=1.4V
VIN=2.5V
VIN=3.6V
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
0
100
200
300
400
500
Output Current(mA)
VIN=3V
VIN=2.2V
VIN=3.6V
3.25
3.27
3.29
3.31
3.33
3.35
0
100
200
300
400
500
Output Current(mA)
VIN=3.6V
VIN=3.5V
08/2007
PAM3105
0.5A Low Voltage- Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com