Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8603M Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8603M Datasheet HTML 1Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 2Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 3Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 4Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 5Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Descriptions
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ............................................6.6V
Maximum Junction Temperature..................150
Storage Temperature.....................-65°C to 150
Soldering Temperature......................
Input Voltage.............................-0.3V to V +0.3V
°C
°C
300°C, 5sec
DD
10/2008 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
Recommended Operating Conditions
Supply Voltage Range.......................
Junction Temperature Range.........-40
to 125
Ambient Temperature Range............-40
to 85
2.8V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
°C
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
SSOP-24
96
°C/W
Thermal Resistance (Junction to Ambient)
θJA
SOP-18
70
°C/W
SSOP-24
18
°C/W
Thermal Resistance (Junction to Case)
θJc
SOP-18
16
°C/W
Pin Name
SSOP-24
SOP-18
Description
+OUTL
1
1
Left Channel Positive Output
PGNDL
2,3
2
Left Channel Power GND
-OUTL
4
3
Left Channel Negative Output
PVDDL
5
4
Left Channel Power Supply
MUTE
6
5
Mute Control Input
(active low)
VDD
7
6
Analog Power Supply
INL
8
7
Left Channel Input
NC
9, 12,13,15,16
11
No Connect
VDC
10
8
Analog reference for gain control section
VOLUME
11
9
DC volume control to set the gain of Class-D
VREF
14
10
Internal analog reference, connect a bypass capacitor from
VREF to GND
INR
17
12
Right Channel Input
GND
18
13
Analog Ground
SHDN
19
14
Shutdown Control Input(active low)
PVDDR
20
15
Right Channel Power Supply
-OUTR
21
16
Right Channel Negative Output
PGNDR
22,23
17
Right Channel Power GND
+OUTR
24
18
Right Channel Positive Output
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com