Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8603M Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8603M Datasheet HTML 1Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 2Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 3Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 4Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 5Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Applications
3W Output at 10% THD with a 4
Load and
5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
64-Step DC Volume Control from -75dB to
+24dB
Superior Low Noise
Efficiency up to 89%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the
Space and Cost
LCD Monitors/TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
directly
system cost
It can extend the battery
life thus ideal for portable applications.
Ω
n
n
n
n
n
General Description
The PAM8603M is a 3W, sterero, class-D audio
amplifier with DC volume control. It offers low
THD+N, allowing it to produce high-quality sound
reproduction. The new filterless architecture
allows the device to drive the speaker
,
requiring no low-pass output filters which saves
the
and PCB area.
With the same numbers of external components,
the efficiency of the PAM8603M is much better
than class-AB cousins.
The PAM8603M is available in SSOP-24
and
SOP-18 packages.
,
n
n
n
n
n
n
n
n
n
n Pb-Free Package
1
www.poweranalog.com
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
2
2.5
3
Output Pow er(W)
RL=8
Ω
RL=4
Ω
Efficiency vs Output Power
10/2008 Rev 1.0
Typical Application Circuit
FCC Class B Limit
Radiated Emissions
,
Power Analog Microelectronics Inc
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
VOLUME
MUTE
INR
INL
-OUTR
+OUTR
-OUTL
+OUTL
SHDN
PGNDR
PVDDR
VDD
PGNDL
PVDDL
VREF
VDC
PAM8603M
0.47μF
0.47
μF
INR
INL
SHDN
ON
MUTE
ON
1μF
1μF
10μF
PVDDR
10μF
PVDDL
GND
1μF
50kO
VDD
1μF


Similar Part No. - PAM8603M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MDER DIODES-PAM8603MDER Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MDET DIODES-PAM8603MDET Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MNHR DIODES-PAM8603MNHR Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
More results

Similar Description - PAM8603M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com