Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8603M Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8603M Datasheet HTML 1Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 2Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 3Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 4Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 5Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electrical Characteristic
V =5V, Gain=20dB,T =25
unless otherwise noted.
DD
A
°C,
10/2008 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
Symbol
Parameter
Test Conditions
MIN
TYP
MAX UNIT
VDD
Supply Voltage
2.8
5.5
V
VDD=5.0V
2.85
3.2
THD+N=10%, f=1kHz,R
L=4Ω
VDD=3.6V
1.55
1.8
W
VDD=5.0V
2.35
2.6
THD+N=1%, f=1kHz, RL=4Ω
VDD=3.6V
1.25
1.5
W
VDD=5.0V
1.55
1.8
THD+N=10%, f=1kHz,RL=8Ω
VDD=3.6V
0.75
0.9
W
VDD=5.0V
1.15
1.4
Po
Output Power
THD+N=1%,f=1kHz,RL=8Ω
VDD=3.6V
0.5
0.72
W
V
DD=5.0V,Po=0.5W,RL=8Ω
0.15
0.3
VDD=3.6V,Po=0.5W,RL=8Ω
f=1kHz
0.11
0.25
%
VDD=5.0V,Po=1W,RL=4Ω
0.15
0.3
THD+N
Total Harmonic
Distortion Plus Noise
VDD=3.6V,Po=1W,RL=4Ω
f=1kHz
0.11
0.25
%
f=100Hz
-59
-50
PSRR
Power Supply Ripple
Rejection
VDD=5.0V, Inputs ac-grounded
f=1kHz
-58
-50
dB
Cs
Crosstalk
VDD=5V,Po=0.5W, RL=8Ω,f=1kHz
-95
-80
dB
SNR
Signal-to-noise ratio
VDD=5V, Vo_rms=1V, f=1kHz
85
98
dB
A-weighting
75
150
Vn
Output noise
V
DD=5V, Inputs ac-grounded
with Cin=0.47μF
No A-weighting
120
300
μV
Dyn
Dynamic range
VDD=5.0V, THD=1%, f=1kHz
90
102
dB
RL=8Ω, THD=10%
85
89
η
Efficiency
RL=4Ω, THD=10%
f=1kHz
80
85
%
VDD=5V
13.5
20
IQ
Quiescent Current
VDD=3.6V
No load
8.5
15
mA
I
MUTE
Muting Current
V
DD=5.0V, VMUTE=0.3V
2.7
5
mA
ISD
Shutdown Current
VDD=2.5V to 5.5V, VSD=0.3V
1
μA
PMOS
240
500
Rdson
Static Drain-to-source
On-state Resistor
IDS=500mA,Vgs=5V
NMOS
180
350
mΩ
fsw
Switching Frequency
VDD=3V to 5V
200
260
300
kHz
Vos
Output Offset Voltage
Vin=0V, VDD=5V
10
50
mV
VIH
SD/MUTE Input High
VDD=5V
1.45
VIL
SD/MUTE Input Low
VDD=5V
0.65
V
OTP
Over Temperature
Protection
135
OTH
Over Temperature Hysterisis
No Load, Junction Temperature, V
DD=5V
30
°C
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com