Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306N5FCFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M306N5FCFP
Description  Renesas MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306N5FCFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M306N5FCFP Datasheet HTML 69Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 70Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 71Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 72Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 73Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 74Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 75Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 76Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
Rev.2.40
Aug 25, 2006
page 73 of 84
REJ03B0004-0240
M16C/6N Group (M16C/6N5)
5. Electric Characteristics (Normal-ver.)
Under development
This document is under development and its contents are subject to change.
td(BCLK-AD)
th(BCLK-AD)
th(RD-AD)
th(WR-AD)
td(BCLK-CS)
th(BCLK-CS)
td(BCLK-ALE)
th(BCLK-ALE)
td(BCLK-RD)
th(BCLK-RD)
td(BCLK-WR)
th(BCLK-WR)
td(BCLK-DB)
th(BCLK-DB)
td(DB-WR)
th(WR-DB)
td(BCLK-HLDA)
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Address output delay time
Address output hold time (in relation to BCLK)
Address output hold time (in relation to RD)
Address output hold time (in relation to WR)
Chip select output delay time
Chip select output hold time (in relation to BCLK)
ALE signal output delay time
ALE signal output hold time
RD signal output delay time
RD signal output hold time
WR signal output delay time
WR signal output hold time
Data output delay time (in relation to BCLK)
Data output hold time (in relation to BCLK)
(3)
Data output delay time (in relation to WR)
Data output hold time (in relation to WR)
(3)
__________
HLDA output delay time
Symbol
Parameter
Min.
Standard
Unit
Max.
4
0
(NOTE 1)
4
–4
0
0
4
(NOTE 2)
(NOTE 1)
Switching Characteristics
(Referenced to VCC = 3.3 V, VSS = 0 V, at Topr = –40 to 85 °C unless otherwise specified)
Table 5.66 Memory Expansion Mode and Microprocessor Mode (for setting with no wait)
30
30
25
30
30
40
40
NOTES:
1. Calculated according to the BCLK frequency as follows:
0.5
✕ 109
f(BCLK)
– 10 [ns]
2. Calculated according to the BCLK frequency as follows:
0.5
✕ 109
f(BCLK)
– 40 [ns]
3. This standard value shows the timing when the
output is off, and does not show hold time of
data bus.
Hold time of data bus varies with capacitor volume
and pull-up (pull-down) resistance value.
Hold time of data bus is expressed in
t = – CR
✕ ln (1 – VOL / VCC)
by a circuit of the right figure.
For example, when VOL = 0.2 VCC, C = 30 pF,
R =1 k
Ω, hold time of output “L” level is
t = – 30 pF
✕ 1 kΩ ✕ ln (1 – 0.2 VCC / VCC) = 6.7 ns.
Figure 5.21 Port P0 to P10 Measurement Circuit
DBi
R
C
30 pF
P6
P7
P8
P10
P9
P0
P1
P2
P3
P4
P5
Measuring
Condition
Figure 5.21
f(BCLK) is 12.5 MHz or less.
VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com