Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306N5FCFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M306N5FCFP
Description  Renesas MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306N5FCFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M306N5FCFP Datasheet HTML 17Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 18Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 19Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 20Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 21Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 22Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 23Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 24Page - Renesas Technology Corp M306N5FCFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Rev.2.40
Aug 25, 2006
page 21 of 84
REJ03B0004-0240
M16C/6N Group (M16C/6N5)
4. Special Function Registers (SFRs)
Under development
This document is under development and its contents are subject to change.
Table 4.7 SFR Information (7)
(2)
0180h
0181h
0182h
0183h
0184h
0185h
0186h
0187h
0188h
0189h
018Ah
018Bh
018Ch
018Dh
018Eh
018Fh
0190h
0191h
0192h
0193h
0194h
0195h
0196h
0197h
0198h
0199h
019Ah
019Bh
019Ch
019Dh
019Eh
019Fh
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
01B3h
01B4h
01B5h
01B6h
01B7h
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh
Flash Memory Control Register 1 (1)
Flash Memory Control Register 0 (1)
Address Match Interrupt Register 2
Address Match Interrupt Enable Register 2
Address Match Interrupt Register 3
FMR1
FMR0
RMAD2
AIER2
RMAD3
Address
Register
Symbol
After Reset
0X00XX0Xb
00000001b
00h
00h
X0h
XXXXXX00b
00h
00h
X0h
X: Undefined
NOTES:
1. These registers are included in the flash memory version. Cannot be accessed by users in the mask ROM version.
2. Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com